Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1W-SPU01-V2 Arkusz danych(PDF) 9 Page - Omron Electronics LLC

Numer części CS1W-SPU01-V2
Szczegółowy opis  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-SPU01-V2 Arkusz danych(HTML) 9 Page - Omron Electronics LLC

Back Button CS1W-SPU01-V2 Datasheet HTML 5Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 6Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 7Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 8Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 9Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 10Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 11Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 12Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
F-16
F-17
The CS1 Duplex System Boosts the
Reliability of Facilities and Equipment
77
Hot Standby System Adopted for
CPU Unit Duplexing
When a problem occurs in the CPU Unit,
the system instantly switches control to
the other CPU Unit, enabling continuous
operation with minimal effect on the
system.
Because there is no need for special
duplex programming, the design process
is simple and design steps are reduced.
Duplex operation is possible for any or all of the following:
CPU Units, Power Supply Units, and Communications Units.
Controller Link Unit
Ethernet Unit
Duplex CPU Units
● Power Supply Units can be either duplexed or
used individually.
● Communications Units can be either duplexed or
used individually.
Duplex Power Supply Units
The system can also be configured with only one each
of the CPU, Power Supply, and Communications Units.
This lets you optimize the system cost by selecting the
Units that you need. (The Duplex Unit must be used
even when using only one each of the CPU, Power
Supply, and Communications Units.)
Allows effective use of software
assets.
The same support software can be used in
systems combining the CS1 and CJ1 Series,
and all software programs and data are
compatible. Their application and reuse are
extremely easy. There is also no need for
ladder programs for duplexing. This means
that when converting an existing system to a
Duplex System, there is almost no need to
revise ladder programs.
Complete compatibility among
Units.
The CS1D Duplex System is fully compatible
with the I/O Units of the entire CS Series.
Accordingly, the same Units and materials
can be used for restoring the system and
conducting maintenance. There is no need
to purchase different Units and materials for
each system, making the CS1D Duplex
System highly economical.
(C200H Units, however, cannot be used with CS1D
PLCs. Refer to user documentation for details.)
Initial and maintenance costs
are reduced.
Use duplex operation for the CPU Unit,
power supply, or communications
depending on system requirements for
reliability, costs, and functionality. For
example, use duplex operation for all of
these for systems that must never go down
or use duplex operation for only the power
supply (which has a relatively short service
life). Just build in the redundancy required
by the system.
Duplex Ethernet for Greater Information Network Reliability
This path is automatically
selected.
This path is automatically selected.
This path is automatically selected.
Unit failure
Duplex Networks between PLCs
with Controller Link
Unit failed.
Break
Line backed
up with
loopback
Node backed up.
Even if one Unit fails, the other Unit will
back it up and continue communications.
Even if a line breaks, a loopback will be
used to maintain the network.
Either the CS1W-CLK13 or CS1W-CLK53 is
required for a Duplex Controller Link network.
With redundant networks and
Communications Units, communications will
continue even if a network line is broken or
one of the Communications Units fails. The
communications path is automatically
selected for each communications process
(as opposed to switching the entire line), to
enable creating a highly reliable network
even against a network line broken in more
than one location.
Program without Being Concerned with Duplex Operation
No special programming is required to use duplex communications with
the CS1D, making it simple to design programs for duplex systems.
Expansion Cables and Expansion Backplanes can be duplexed
and replaced online.
The complex programming required in previous applications for duplex
communications with Ethernet is eliminated.
Controller Link networks enable allocating data link areas without wasting
memory.
Two sets of
the same data
link areas
were required
and
programming
was required
to select the
areas.
Programming to
determine destination
Tried first.
SEND
PLC automatically determines
destination.
Destination
SEND
Previously it was necessary to program
operation for both Ethernet Units.
Just program the operation as if for one
Ethernet Unit, and the PLC will determine
the destination and send the message.
SEND
The CS1D-ETN21D and
CS1D CPU Unit version
1.1 or higher are
required for a duplex
Ethernet network.
Online Unit Replacement
With either a Duplex-CPU or Single-CPU
CS1D System, Basic I/O Units, Special I/O
Units, and CPU Bus Units can be replaced
online while the system continues operation.
Although operation will stop for the Unit
being replaced, all other Units will continue
operation.
Expansion Cables can be
duplexed and replaced online.
Expansion Backplanes can be
added online.
By mounting Duplexed Expansion I/O Units
and Expansion Cables, the Expansion
Cables can be replaced during operation. In
addition, problems such as cable
disconnections are monitored, so the
location of the failure can be easily identified.
During System Operation with
Power Supplied
Unit
replaced
Perform the online Unit
replacement operation
from the Programming
Console or CX-Programmer.
Other Unit tried if no
response from first Unit.
Previously, twice
the memory was
required to
implement data
links for two
Controller Link
Units, and it was
necessary to
determine which
data could be
used.
Just create the
data links for one
Controller Link Unit
to eliminated
wasted data
memory. The
Duplex Controller
Link Units share
the data links.
Even in systems where the power cannot
be turned OFF or operation cannot be
stopped, it is easy to add functions after
system operation has started.
Modifications can be easily made after
startup for devices for which the power is
not easily turned OFF.
Programmable Controller
Programmable Controller
Increase the Reliability of Information with Duplex Networks
PORT
BUSY
RUN
ERR/ALM
INH
PRPHL
MCPWR
BKUP
COMM
SYSMAC
CS1D-CPU67H
PROGRAMMABLE CONTROLLER
PORT
BUSY
RUN
ERR/ALM
INH
PRPHL
MCPWR
BKUP
COMM
SYSMAC
CS1D-CPU67H
PROGRAMMABLE CONTROLLER
OPEN
OPEN
PERIPHERAL
PERIPHERAL
DPL01
DPL STATUS
CPU STATUS
CPU STATUS
ACTIVE
ACTIVE
L
R
LEFT CPU
RIGHT CPU
DPL SW
USE
NO USE
USE
NO USE
ON
ON
INIT.
SPL
ACT.
LEFT
PRPHL
COMM
A39512
RSV
ACT.
RIGHT
DPL
OFF
ON
SW
DUPLEX
NODE
NO.
1
×160
0
×161
UNIT
NO.
100BASE-TX
10BASE-T
0
ETN21D
RUN
ERC
SD
RD
LINK
100M
ERH
TCP
DPL
Rack added
No need to stop
equipment to make
additions.
Equipment in operation
Refer to CS1D Catalog (Cat. No.
R103) for details.


Podobny numer części - CS1W-SPU01-V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
CS1W-SPU01-V2 OMRON-CS1W-SPU01-V2 Datasheet
534Kb / 14P
   High-speed Collection of System Data
More results

Podobny opis - CS1W-SPU01-V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
List of Unclassifed Man...
DVS-3R6D473T ETC2-DVS-3R6D473T Datasheet
166Kb / 2P
   High temperature tolerant -25 to 85??and highly reliable.
DVL-5R5D104T-R5 ETC2-DVL-5R5D104T-R5 Datasheet
330Kb / 3P
   High temperature tolerant -40 to 85??and highly reliable.
logo
Omron Electronics LLC
CP1W-40EDR OMRON-CP1W-40EDR Datasheet
1Mb / 9P
   Compact machine controllers
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Toshiba Semiconductor
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Toshiba Semiconductor
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com