Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1881 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części LM1881
Szczegółowy opis  AC Coupled Composite input Signal
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM1881 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM1881 Datasheet HTML 1Page - Texas Instruments LM1881 Datasheet HTML 2Page - Texas Instruments LM1881 Datasheet HTML 3Page - Texas Instruments LM1881 Datasheet HTML 4Page - Texas Instruments LM1881 Datasheet HTML 5Page - Texas Instruments LM1881 Datasheet HTML 6Page - Texas Instruments LM1881 Datasheet HTML 7Page - Texas Instruments LM1881 Datasheet HTML 8Page - Texas Instruments LM1881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM1881
SNLS384F – FEBRUARY 1995 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage
13.2V
Input Voltage
3 VP-P (VCC = 5V)
6 VP-P (VCC ≥ 8V)
Output Sink Currents; Pins, 1, 3, 5
5 mA
Output Sink Current; Pin 7
2 mA
Package Dissipation (3)
1100 mW
Storage Temperature Range
−65°C to +150°C
ESD Susceptibility (4)
2 kV
ESD Susceptibility (5)
200 V
Soldering Information
PDIP Package (10 sec.)
260°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
For operation in ambient temperatures above 25°C, the device must be derated based on a 150°C maximum junction temperature and a
package thermal resistance of 110°C/W, junction to ambient.
(4)
ESD susceptibility test uses the “human body model, 100 pF discharged through a 1.5 k
Ω resistor”.
(5)
Machine Model, 220 pF – 240 pF discharged through all pins.
Electrical Characteristics LM1881
VCC = 5V; RSET = 680 kΩ; TA = 0°C to +70°C by correlation with 100% electrical testing at TA=25°C
Parameter
Conditions
Min
Typ (1)
Max
Units
Supply Current
Outputs at
VCC = 5V
5.2
10
mA
Logic 1
VCC = 12V
5.5
12
DC Input Voltage
Pin 2
1.3
1.5
1.8
V
Input Threshold Voltage
(2)
55
70
85
mV
Input Discharge Current
Pin 2; VIN = 2V
6
11
16
µA
Input Clamp Charge Current
Pin 2; VIN = 1V
0.2
0.8
mA
RSET Pin Reference Voltage
Pin 6; (3)
1.10
1.22
1.35
V
Composite Sync. & Vertical
IOUT = 40 µA;
VCC = 5V
4.0
4.5
V
Outputs
Logic 1
VCC = 12V
11.0
IOUT = 1.6 mA
VCC = 5V
2.4
3.6
V
Logic 1
VCC = 12V
10.0
Burst Gate & Odd/Even Outputs
IOUT = 40 µA;
VCC = 5V
4.0
4.5
V
Logic 1
VCC = 12V
11.0
Composite Sync. Output
IOUT = −1.6 mA; Logic 0; Pin 1
0.2
0.8
V
Vertical Sync. Output
IOUT = −1.6 mA; Logic 0; Pin 3
0.2
0.8
V
Burst Gate Output
IOUT = −1.6 mA; Logic 0; Pin 5
0.2
0.8
V
Odd/Even Output
IOUT = −1.6 mA; Logic 0; Pin 7
0.2
0.8
V
Vertical Sync Width
190
230
300
µs
Burst Gate Width
2.7 k
Ω from Pin 5 to VCC
2.5
4
4.7
µs
Vertical Default Time
(4)
32
65
90
µs
(1)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(2)
Relative difference between the input clamp voltage and the minimum input voltage which produces a horizontal output pulse.
(3)
Careful attention should be made to prevent parasitic capacitance coupling from any output pin (Pins 1, 3, 5 and 7) to the RSET pin (Pin
6).
(4)
Delay time between the start of vertical sync (at input) and the vertical output pulse.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1881


Podobny numer części - LM1881

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881 NSC-LM1881 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881-X NSC-LM1881-X Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881M NSC-LM1881M Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Texas Instruments
LM1881M TI1-LM1881M Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
More results

Podobny opis - LM1881

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SFH620-1 ETC1-SFH620-1 Datasheet
57Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH620A-1 ISOCOM-SFH620A-1 Datasheet
437Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
IS354 ETC1-IS354 Datasheet
790Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS126 ETC-IS126 Datasheet
786Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PCI01 ETC-PCI01 Datasheet
291Kb / 34P
   Periphelar Coupled Input NPN
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
Silicon Laboratories
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
   Differential I/Os ac coupled
logo
ISOCOM COMPONENTS
IS604X ISOCOM-IS604X Datasheet
47Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
H11AA1 ISOCOM-H11AA1 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
CNY35X ETC-CNY35X Datasheet
44Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com