Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCW67CR-6W Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części BCW67CR-6W
Szczegółowy opis  SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCW67CR-6W Arkusz danych(HTML) 2 Page - Diodes Incorporated

  BCW67CR-6W Datasheet HTML 1Page - Diodes Incorporated BCW67CR-6W Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 4 - JUNE 1996
PARTMARKING DETAILS –
BCW67A – DA
BCW67AR – 4W
BCW67B – DB
BCW67BR – 5W
BCW67C – DC
BCW67CR – 6W
BCW68F – DF
BCW68FR – 7T
BCW68G – DG
BCW68GR – 5T
BCW68H – DH
BCW68HR – 7N
COMPLEMENTARY TYPES –
BCW67 – BCW65
BCW68 – BCW66
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BCW67
BCW68
UNIT
Collector-Emitter Voltage
VCES
-45
-60
V
Collector-Emitter Voltage
VCEO
-32
-45
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current(10ms)
ICM
-1000
mA
Continuous Collector Current
IC
-800
mA
Base Current
IB
-100
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
BCW67
BCW68
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Collector-Emitter
Breakdown Voltage
BCW67
BCW68
V(BR)CEO -32
-45
VICEO=-10mA
ICEO=-10mA
BCW67
BCW68
V(BR)CES -45
-60
IC=-10µA
IC=-10µA
Emitter-Base Breakdown Voltage
V(BR)EBO -5
V
IEBO=-10µA
Collector-Emitter
Cut-off Current
BCW67
BCW68
ICES
-20
-10
-20
-10
nA
µ
A
nA
µ
A
VCES=-32V
VCES=-32V ,Tamb=150°C
VCES=-45V
VCES=-45V, Tamb=150°C
Emitter-Base Cut-Off Current
IEBO
-20
nA
VEBO=-4V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.7
-0.3
V
V
IC=-100mA, IB=-10mA
IC=-500mA, IB=-50mA*
Base-Emitter Saturation Voltage
VBE(sat)
-2
V
IC=-500mA, IB=-50mA*
Static
Forward
Current
Transfer
BCW67A
BCW68F
hFE
75
100
35
170
250
IC=-10mA, VCE=-1V
IC=-100mA, VCE=-1V*
IC=-500mA, VCE=-2V*
BCW67B
BCW68G
hFE
120
160
60
250
400
IC=-10mA, VCE=-1V
IC=-100mA, VCE=-1V*
IC=-500mA, VCE=-2V*
BCW67C
BCW68H
hFE
180
250
100
350
630
IC=-10mA, VCE=-1V
IC=-100mA, VCE=-1V*
IC=-500mA, VCE=-2V*
Transition Frequency
fT
100
MHz IC =-20mA, VCE=-10V
f = 100MHz
Collector-Base Capacitance
Ccbo
12
18
pF
VCBO =-10V, f =1MHz
Emitter-Base Capacitance
Cebo
80
pF
VEBO=-0.5V, f =1MHz
Noise Figure
N
2
10
dB
IC= -0.2mA, VCE=- 5V
RG =1KΩ, f=1KH
f=200Hz
Switching times:
Turn-On Time
Turn-Off Time
ton
toff
100
400
ns
ns
IC=-150mA
IB1=- IB2=-15mA
RL=150Ω
Spice parameter data is available upon request for this device
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
C
B
E
SOT23
BCW67
BCW68
3 - 29
3 - 30
PART OBSOLETE - USE BCW68H


Podobny numer części - BCW67CR-6W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BCW67C SIEMENS-BCW67C Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW67C DIOTEC-BCW67C Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
logo
Central Semiconductor C...
BCW67C CENTRAL-BCW67C Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Podobny opis - BCW67CR-6W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
FMMTA55 ZETEX-FMMTA55 Datasheet
57Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FMMTA56 DIODES-FMMTA56_15 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BSS69 ETC-BSS69 Datasheet
34Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS69 ZETEX-BSS69 Datasheet
37Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com