Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC8811ICDRBT Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC8811ICDRBT
Szczegółowy opis  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811ICDRBT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button DAC8811ICDRBT Datasheet HTML 7Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 8Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 9Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 10Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 11Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 12Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 13Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 14Page - Texas Instruments DAC8811ICDRBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
Z
O
+
R1 R3
(R1)R2)
R1
(R2 )R3 ) * R1 (R2)R3)
(4)
VDD
VDD
VREF
VREF
DAC8811
U1
RFB
OPA277
U2
IOUT
GND
150 kW
R14
15 kW
R24
C1 10 pF
OPA277
U2
15 kW
R2
50 kW
R34
50 W
R3
VOUT
150 kW
R1
IL
LOAD
+
+
Cross-Reference
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
APPLICATION INFORMATION (continued)
The value of R3 in the previous equation can be reduced to increase the output current drive of U3. U3 can
drive
±20 mA in both directions with voltage compliance limited up to 15 V by the U3 voltage supply. Elimination
of the circuit compensation capacitor C1 in the circuit is not suggested as a result of the change in the output
impedance Z
O, according to Equation 4:
As shown in Equation 4, with matched resistors, ZO is infinite and the circuit is optimum for use as a current
source. However, if unmatched resistors are used, ZO is positive or negative with negative output impedance
being a potential cause of oscillation. Therefore, by incorporating C1 into the circuit, possible oscillation
problems are eliminated. The value of C1 can be determined for critical applications; for most applications,
however, a value of several pF is suggested.
Figure 23. Programmable Bidirectional Current Source Circuit
The DAC8811 has an industry-standard pinout. Table 3 provides the cross-reference information.
Table 3. Cross-Reference
SPECIFIED
TEMPERATURE
PACKAGE
PACKAGE
CROSS-
PRODUCT
INL (LSB)
DNL (LSB)
RANGE
DESCRIPTION
OPTION
REFERENCE PART
DAC8811ICDGK
±1
±1
-40°C to +85°C
8-Lead MicroSOIC
MSOP-8
N/A
DAC8811IBDGK
±2
±1
-40
°C to +85°C
8-Lead MicroSOIC
MSOP-8
AD5543BRM
DAC8811ICDRB
±1
±1
-40
°C to +85°C
8-Lead Small Outline
SON-8
N/A
DAC8811IBDRB
±2
±1
-40
°C to +85°C
8-Lead Small Outline
SON-8
N/A
N/A
±2
±1
-40
°C to +85°C
8-Lead SOIC
SOIC-8
AD5543BR
11
Submit Documentation Feedback


Podobny numer części - DAC8811ICDRBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8811ICDRBT TI1-DAC8811ICDRBT Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDRBTG4 TI1-DAC8811ICDRBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Podobny opis - DAC8811ICDRBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com