Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC8811ICDRBR Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części DAC8811ICDRBR
Szczegółowy opis  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811ICDRBR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button DAC8811ICDRBR Datasheet HTML 5Page - Texas Instruments DAC8811ICDRBR Datasheet HTML 6Page - Texas Instruments DAC8811ICDRBR Datasheet HTML 7Page - Texas Instruments DAC8811ICDRBR Datasheet HTML 8Page - Texas Instruments DAC8811ICDRBR Datasheet HTML 9Page - Texas Instruments DAC8811ICDRBR Datasheet HTML 10Page - Texas Instruments DAC8811ICDRBR Datasheet HTML 11Page - Texas Instruments DAC8811ICDRBR Datasheet HTML 12Page - Texas Instruments DAC8811ICDRBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
t(CSS)
t(DS)
t(DH)
t(CH)
t(CL)
t(CSH)
SDI
CLK
CS
D15
D14 D13 D12
D11 D10
D9
D8
D1
D0
APPLICATION INFORMATION
Stability Circuit
+
U2
GND
U1
VREF
VREF
VDD
VDD
VOUT
C1
IOUT
RFB
Positive Voltage Output Circuit
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
THEORY OF OPERATION (continued)
Figure 19. DAC8811 Timing Diagram
Table 2. Control Logic Truth Table(1)
CLK
CS
Serial Shift Register
DAC Register
X
H
No effect
Latched
↑+
L
Shift register data advanced one bit
Latched
X
H
No effect
Latched
X
↑+
Shift register data transferred to DAC register
New data loaded from serial register
(1)
↑+ Positive logic transition; X = Don't care
Table 7.1. Serial Input Register Data Format, Data Loaded MSB First
B15
B0
Bit
(MSB)
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
(LSB)
Data
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
For a current-to-voltage design (see Figure 20), the DAC8811 current output (IOUT) and the connection with the
inverting node of the op amp should be as short as possible and according to correct PCB layout design. For
each code change there is a step function. If the GBP of the op amp is limited and parasitic capacitance is
excessive at the inverting node then gain peaking is possible. Therefore, for circuit stability, a compensation
capacitor C1 (4 pF to 20 pF typ) can be added to the design, as shown in Figure 20.
Figure 20. Gain Peaking Prevention Circuit With Compensation Capacitor
As Figure 21 illustrates, in order to generate a positive voltage output, a negative reference is input to the
DAC8811. This design is suggested instead of using an inverting amp to invert the output due to tolerance
errors of the resistor. For a negative reference, VOUT and GND of the reference are level-shifted to a virtual
ground and a -2.5 V input to the DAC8811 with an op amp.
9
Submit Documentation Feedback


Podobny numer części - DAC8811ICDRBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8811ICDRBT TI1-DAC8811ICDRBT Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDRBTG4 TI1-DAC8811ICDRBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Podobny opis - DAC8811ICDRBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com