Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74VMEH22501A-EP Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74VMEH22501A-EP
Szczegółowy opis  Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501A-EP Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74VMEH22501A-EP Datasheet HTML 1Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 2Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 3Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 4Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 5Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 6Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SN74VMEH22501AEP
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES625 − FEBRUARY 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information
The SN74CVMEH22501A-EP 8-bit universal bus transceiver has two integral 1-bit three-wire bus transceivers and
is designed for 3.3-V VCC operation with 5-V tolerant inputs. The UBT transceiver allows transparent, latched, and
flip-flop modes of data transfer, and the separate LVTTL input and outputs on the bus transceivers provide a
feedback path for control and diagnostics monitoring. This device provides a high-speed interface between cards
operating at LVTTL logic levels and VME64, VME64x, or VME320backplane topologies.
The SN74CVMEH22501A-EP is pin-for-pin capatible to the VMEH22501, but operates at a wider operating
temperature (−40
°C to 85°C) range.
High-speed backplane operation is a direct result of the improved OEC
 circuitry and high drive that has been
designed and tested into the VME64x backplane model. The B-port I/Os are optimized for driving large capacitive
loads and include pseudo-ETL input thresholds (one-half VCC ±50 mV) for increased noise immunity. These
specifications support the 2eVME protocols in VME64x (ANSI/VITA 1.1) and 2eSST protocols in VITA 1.5. With
proper design of a 21-slot VME system, a designer can achieve 320-Mbyte transfer rates on linear backplanes and,
possibly, 1-Gbyte transfer rates on the VME320 backplane.
All inputs and outputs are 5-V tolerant and are compatible with TTL and 5-V CMOS inputs.
Active bus-hold circuitry holds unused or undriven 3A-port inputs at a valid logic state. Bus-hold circuitry is not
provided on 1A or 2A inputs, any B-port input, or any control input. Use of pullup or pulldown resistors with the
bus-hold circuitry is not recommended.
This device is fully specified for live-insertion applications using Ioff, power-up 3-state, and BIAS VCC. The Ioff
circuitry prevents damaging current to backflow through the device when it is powered off/on. The power-up 3-state
circuitry places the outputs in the high-impedance state during power up and power down, which prevents driver
conflict. The BIAS VCC circuitry precharges and preconditions the B-port input/output connections, preventing
disturbance of active data on the backplane during card insertion or removal, and permits true live-insertion
capability.
When VCC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, output-enable (OE and OEBY) inputs should be tied to
VCC through a pullup resistor and output-enable (OEAB) inputs should be tied to GND through a pulldown resistor;
the minimum value of the resistor is determined by the drive capability of the device connected to this input.
† VME320 is a patented backplane construction by Arizona Digital, Inc.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP − DGG
Tape and reel
CVMEH22501AIDGGREP
VMEH22501EP
−40
°C to 85°C
TVSOP − DGV
Tape and reel
CVMEH22501AIDGVREP
VK501AEP
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.


Podobny numer części - SN74VMEH22501A-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

Podobny opis - SN74VMEH22501A-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CALVC164245IGQLREP TI-CALVC164245IGQLREP Datasheet
387Kb / 19P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-86DAPG AAVID-7717-86DAPG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com