Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-316J-500E Arkusz danych(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-316J-500E
Szczegółowy opis  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-316J-500E Arkusz danych(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-316J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
Electrical Specifications (DC)
Unless otherwise noted, all typical values at TA = 25°C, VCC1 = 5 V, and VCC2 - VEE = 30 V, VE - VEE = 0 V;
all Minimum/Maximum specifications are at Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Logic Low Input Voltages
VIN+L, VIN-L,
0.8
V
VRESETL
Logic High Input Voltages
VIN+H, VIN-H,
2.0
VRESETH
Logic Low Input Currents
IIN+L, IIN-L,
-0.5
-0.4
mA
VIN = 0.4 V
IRESETL
FAULT Logic Low Output
IFAULTL
5.0
12
VFAULT = 0.4 V
30
Current
FAULT Logic High Output
IFAULTH
-40
μA
VFAULT = VCC1
31
Current
High Level Output Current
IOH
-0.5
-1.5
A
VOUT = VCC2 - 4 V
3, 8,
7
-2.0
VOUT = VCC2 - 15 V
32
5
Low Level Output Current
IOL
0.5
2.3
VOUT = VEE + 2.5 V
4, 9,
7
2.0
VOUT = VEE + 15 V
33
5
Low Level Output Current
IOLF
90
160
230
mA
VOUT - VEE = 14 V
5, 34
8
During Fault Condition
High Level Output Voltage
VOH
VC - 3.5
VC - 2.5
VC - 1.5
V
IOUT = -100 mA
6, 8,
9, 10, 11
VC -2.9
VC - 2.0
VC - 1.2
IOUT = -650 μA
35
VC
IOUT = 0
Low Level Output Voltage
VOL
0.17
0.5
IOUT = 100 mA
7, 9,
26
36
High Level Input Supply
ICC1H
17
22
mA
VIN+ = VCC1 = 5.5 V,
10, 37
Current
VIN- = 0 V
38
Low Level Input Supply
ICCIL
6
11
VIN+ = VIN- = 0 V,
Current
VCC1 = 5.5 V
Output Supply Current
ICC2
2.5
5
VOUT open
11, 12,
11
39, 40
Low Level Collector Current
ICL
0.3
1.0
IOUT = 0
15, 59
27
High Level Collector Current
ICH
0.3
1.3
IOUT = 0
15, 58
27
1.8
3.0
IOUT = -650 μA
15, 57
VE Low Level Supply
IEL
-0.7
-0.4
0
14, 61
Current
VE High Level Supply
IEH
-0.5
-0.14
0
14, 40
25
Current
Blanking Capacitor
ICHG
-0.13
-0.25
-0.33
VDESAT = 0 - 6 V
13, 41
11, 12
Charging Current
-0.18
-0.25
-0.33
VDESAT = 0 - 6 V,
TA = 25°C - 100°C
Blanking Capacitor
IDSCHG
10
50
VDESAT = 7 V
42
Discharge Current
UVLO Threshold
VUVLO+
11.6
12.3
13.5
V
VOUT > 5 V
43
9, 11, 13
VUVLO-
11.1
12.4
VOUT < 5 V
9, 11, 14
UVLO Hysteresis
(VUVLO+ -
0.4
1.2
VUVLO-)
DESAT Threshold
VDESAT
6.5
7.0
7.5
VCC2 - VE > VUVLO-
16, 44
11


Podobny numer części - HCPL-316J-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

Podobny opis - HCPL-316J-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com