Zakładka z wyszukiwarką danych komponentów |
|
BU4211F Arkusz danych(PDF) 2 Page - Rohm |
|
BU4211F Arkusz danych(HTML) 2 Page - Rohm |
2 / 16 page Datasheet 2/13 BU42xx series BU43xx series TSZ02201-0R7R0G300050-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.006 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Ordering Information (Unit : mm) SOP4 0.05 1.3 2.0 ±0.2 1 2 4 3 4° +6° –4° 0.13 +0.05 –0.03 0.32 +0.05 –0.04 0.42 +0.05 –0.04 S 0.1 S (Unit : mm) VSOF5 4 3 1.0 ±0.05 1 0.22 ±0.05 0.5 5 1.6 ±0.05 0.13 ±0.05 2 (Unit : mm) SSOP5 2.9 ±0.2 0.13 4° +6° −4° +0.05 −0.03 0.42 +0.05 −0.04 0.95 5 4 1 2 3 0.1 Direction of feed Reel ∗Order quantity needs to be multiple of the minimum quantity. <Tape and Reel information> Embossed carrier tape Tape Quantity Direction of feed The direction is the 1pin of product is at the upper right when you hold reel on the left hand and you pull out the tape on the right hand 3000pcs TR ( ) 1pin B U x x x x x - T R Part Output Type Reset Voltage Value Package Packaging and Number 42 : Open Drain 09 : 0.9V G : SSOP5 forming specification 43 : CMOS 0.1V step F : SOP4 TR : Embossed tape 48 : 4.8V FVE : VSOF5 and reel |
Podobny numer części - BU4211F |
|
Podobny opis - BU4211F |