Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9540NSTRLPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF9540NSTRLPBF
Szczegółowy opis  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF9540NSTRLPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF9540NSTRLPBF Datasheet HTML 1Page - International Rectifier IRF9540NSTRLPBF Datasheet HTML 2Page - International Rectifier IRF9540NSTRLPBF Datasheet HTML 3Page - International Rectifier IRF9540NSTRLPBF Datasheet HTML 4Page - International Rectifier IRF9540NSTRLPBF Datasheet HTML 5Page - International Rectifier IRF9540NSTRLPBF Datasheet HTML 6Page - International Rectifier IRF9540NSTRLPBF Datasheet HTML 7Page - International Rectifier IRF9540NSTRLPBF Datasheet HTML 8Page - International Rectifier IRF9540NSTRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF9540NS/LPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11)
‚ Starting TJ = 25°C, L = 0.88mH
RG = 25Ω, IAS = -14A. (See Figure 12)
ƒ ISD ≤ -14A, di/dt ≤ -620A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… When mounted on 1" square PCB (FR-4or G-10
Material). For recommended footprint and soldering
techniques refer to application note #AN-994.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
-0.11
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
117
m
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
gfs
Forward Transconductance
5.6
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
-50
µA
–––
–––
-250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Qg
Total Gate Charge
–––
73
110
nC
Qgs
Gate-to-Source Charge
–––
13
20
Qgd
Gate-to-Drain ("Miller") Charge
–––
38
57
td(on)
Turn-On Delay Time
–––
13
–––
ns
tr
Rise Time
–––
64
–––
td(off)
Turn-Off Delay Time
–––
40
–––
tf
Fall Time
–––
45
–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1450
–––
pF
Coss
Output Capacitance
–––
430
–––
Crss
Reverse Transfer Capacitance
–––
230
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
-23
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
-92
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.6
V
trr
Reverse Recovery Time
–––
140
210
ns
Qrr
Reverse Recovery Charge
–––
890
1340
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = VGS, ID = -250µA
VDS = -100V, VGS = 0V
VDS = -80V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -14A
f
TJ = 25°C, IF = -14A, VDD = -25V
di/dt = -100A/µs
f
TJ = 25°C, IS = -14A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VGS = -10V
f
MOSFET symbol
VGS = 0V
VDS = -25V
Conditions
ƒ = 1.0MHz, See Fig. 5
RG = 5.1Ω
ID = -14A
VDS = -50V, ID = -14A
VDD = -50V
ID = -14A
VGS = -20V
VGS = 20V
VDS = -80V
VGS = -10V
f


Podobny numer części - IRF9540NSTRLPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9540NSTRL IRF-IRF9540NSTRL Datasheet
187Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
More results

Podobny opis - IRF9540NSTRLPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com