Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQPF4N90 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQPF4N90
Szczegółowy opis  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF4N90 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQPF4N90 Datasheet HTML 1Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 2Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 3Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 4Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 5Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 6Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 7Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. B, October 2001
©2001 Fairchild Semiconductor Corporation
2468
10
10
-1
10
0
10
1
※ Notes :
1. V
DS = 50V
2. 250μ s Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom: 5.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
25℃
150℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
V
SD , Source-Drain Voltage [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
12
V
DS = 450V
V
DS = 180V
V
DS = 720V
※ Note : I
D = 4.2 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
300
600
900
1200
1500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current and
Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
0369
12
0
2
4
6
8
10
※ Note : T
J = 25
V
GS = 20V
V
GS = 10V
I
D
, Drain Current [A]


Podobny numer części - FQPF4N90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQPF4N90C FAIRCHILD-FQPF4N90C Datasheet
899Kb / 10P
   900V N-Channel MOSFET
FQPF4N90C FAIRCHILD-FQPF4N90C Datasheet
920Kb / 10P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF4N90C ISC-FQPF4N90C Datasheet
307Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF4N90CT FAIRCHILD-FQPF4N90CT Datasheet
920Kb / 10P
   900V N-Channel MOSFET
More results

Podobny opis - FQPF4N90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com