Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4401BU Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 2N4401BU
Szczegółowy opis  This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N4401BU Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  2N4401BU Datasheet HTML 1Page - Fairchild Semiconductor 2N4401BU Datasheet HTML 2Page - Fairchild Semiconductor 2N4401BU Datasheet HTML 3Page - Fairchild Semiconductor 2N4401BU Datasheet HTML 4Page - Fairchild Semiconductor 2N4401BU Datasheet HTML 5Page - Fairchild Semiconductor 2N4401BU Datasheet HTML 6Page - Fairchild Semiconductor 2N4401BU Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NPN General Pupose Amplifier
This device is designed for use as a medium power amplifier and
switch requiring collector currents up to 500 mA.
MMBT4401
2N4401
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
600
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
2N4401
*MMBT4401
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
C
B
E
TO-92
C
B
E
SOT-23
Mark: 2X
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
 2001 Fairchild Semiconductor Corporation
2N4401/MMBT4401, Rev A


Podobny numer części - 2N4401BU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4401BU ONSEMI-2N4401BU Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
More results

Podobny opis - 2N4401BU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
2N4401TA FAIRCHILD-2N4401TA Datasheet
98Kb / 7P
   This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA.
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Fairchild Semiconductor
PZTA29 FAIRCHILD-PZTA29 Datasheet
82Kb / 4P
   Applications requiring extremely high current gain at collector currents to 500mA
logo
General Semiconductor
12BH7-A GE-12BH7-A Datasheet
346Kb / 4P
   The 12BH7-A is a miniature medium-mu twin troide designed primarily for use as a vertical-deflection amplifier in television receivers
logo
Siemens Semiconductor G...
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
logo
PHOENIX CONTACT
1912595 PHOENIX-1912595 Datasheet
683Kb / 13P
   COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
logo
E-Tech Electronics LTD
GMPSA13 ETL-GMPSA13 Datasheet
159Kb / 3P
   The GMPSA13 is designed for darlington applications requiring extremely high current gain at collector to 500mA
GMPSA14 ETL-GMPSA14 Datasheet
155Kb / 2P
   The GMPSA14 is designed for darlington applications requiring extremely high current gain at collector to 500mA
GMBTA64 ETL-GMBTA64 Datasheet
233Kb / 2P
   The GMBTA64 is designed for application requiring extremely high current gain at collector current to 500mA
GMPSA27 ETL-GMPSA27 Datasheet
233Kb / 2P
   The GMPSA27 is designed for darlington applications requiring extremely high current gain at collector to 500mA
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com