Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4401TA Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 2N4401TA
Szczegółowy opis  This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N4401TA Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  2N4401TA Datasheet HTML 1Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 2Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 3Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 4Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 5Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 6Page - Fairchild Semiconductor 2N4401TA Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Characteristics (continued)
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23
Turn On and Turn Off Times
vs Collector Current
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t on
t off
B1
C
B2
I c
10
V
= 25 V
cc
Switching Times
vs Collector Current
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t r
t s
B1
C
B2
I c
10
V
= 25 V
cc
t f
t d
NPN General Purpose Amplifier
(continued)


Podobny numer części - 2N4401TA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4401TA ONSEMI-2N4401TA Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
2N4401TAR ONSEMI-2N4401TAR Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
More results

Podobny opis - 2N4401TA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
2N4401BU FAIRCHILD-2N4401BU Datasheet
98Kb / 7P
   This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
   This device is suitable for use as a load switch or in PWM applications
logo
Fairchild Semiconductor
PZTA29 FAIRCHILD-PZTA29 Datasheet
82Kb / 4P
   Applications requiring extremely high current gain at collector currents to 500mA
logo
General Semiconductor
12BH7-A GE-12BH7-A Datasheet
346Kb / 4P
   The 12BH7-A is a miniature medium-mu twin troide designed primarily for use as a vertical-deflection amplifier in television receivers
logo
Siemens Semiconductor G...
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
logo
PHOENIX CONTACT
1912595 PHOENIX-1912595 Datasheet
683Kb / 13P
   COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
logo
E-Tech Electronics LTD
GMPSA13 ETL-GMPSA13 Datasheet
159Kb / 3P
   The GMPSA13 is designed for darlington applications requiring extremely high current gain at collector to 500mA
GMPSA14 ETL-GMPSA14 Datasheet
155Kb / 2P
   The GMPSA14 is designed for darlington applications requiring extremely high current gain at collector to 500mA
GMBTA64 ETL-GMBTA64 Datasheet
233Kb / 2P
   The GMBTA64 is designed for application requiring extremely high current gain at collector current to 500mA
GMPSA27 ETL-GMPSA27 Datasheet
233Kb / 2P
   The GMPSA27 is designed for darlington applications requiring extremely high current gain at collector to 500mA
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com