Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQPF6P25 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FQPF6P25
Szczegółowy opis  250V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF6P25 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FQPF6P25 Datasheet HTML 1Page - Fairchild Semiconductor FQPF6P25 Datasheet HTML 2Page - Fairchild Semiconductor FQPF6P25 Datasheet HTML 3Page - Fairchild Semiconductor FQPF6P25 Datasheet HTML 4Page - Fairchild Semiconductor FQPF6P25 Datasheet HTML 5Page - Fairchild Semiconductor FQPF6P25 Datasheet HTML 6Page - Fairchild Semiconductor FQPF6P25 Datasheet HTML 7Page - Fairchild Semiconductor FQPF6P25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A, April 2000
Electrical Characteristics
T
C = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 49mH, IAS = -4.2A, VDD = -50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD  -6.0A, di/dt  300A/µs, VDD  BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
 300µs, Duty cycle  2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-250
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.1
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -250 V, VGS = 0 V
--
--
-1
µA
VDS = -200 V, TC = 125°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-3.0
--
-5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -2.1 A
--
0.82
1.1
gFS
Forward Transconductance
VDS = -40 V, ID = -2.1 A
--
2.8
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
600
780
pF
Coss
Output Capacitance
--
115
150
pF
Crss
Reverse Transfer Capacitance
--
20
25
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -125 V, ID = -6.0 A,
RG = 25 Ω
--
13
35
ns
tr
Turn-On Rise Time
--
75
160
ns
td(off)
Turn-Off Delay Time
--
40
90
ns
tf
Turn-Off Fall Time
--
50
110
ns
Qg
Total Gate Charge
VDS = -200 V, ID = -6.0 A,
VGS = -10 V
--
21
27
nC
Qgs
Gate-Source Charge
--
4.7
--
nC
Qgd
Gate-Drain Charge
--
10.7
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-4.2
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-16.8
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -4.2 A
--
--
-5.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -6.0 A,
dIF / dt = 100 A/µs
--
170
--
ns
Qrr
Reverse Recovery Charge
--
1.1
--
µC


Podobny numer części - FQPF6P25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQPF60N03L FAIRCHILD-FQPF60N03L Datasheet
655Kb / 8P
   30V LOGIC N-Channel MOSFET
FQPF630 FAIRCHILD-FQPF630 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
FQPF65N06 FAIRCHILD-FQPF65N06 Datasheet
681Kb / 8P
   60V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF65N06 ISC-FQPF65N06 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF6N15 FAIRCHILD-FQPF6N15 Datasheet
744Kb / 8P
   150V N-Channel MOSFET
More results

Podobny opis - FQPF6P25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com