Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2576-5.0WT Arkusz danych(PDF) 5 Page - Micrel Semiconductor

Numer części LM2576-5.0WT
Szczegółowy opis  52kHz Simple 3A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2576-5.0WT Arkusz danych(HTML) 5 Page - Micrel Semiconductor

  LM2576-5.0WT Datasheet HTML 1Page - Micrel Semiconductor LM2576-5.0WT Datasheet HTML 2Page - Micrel Semiconductor LM2576-5.0WT Datasheet HTML 3Page - Micrel Semiconductor LM2576-5.0WT Datasheet HTML 4Page - Micrel Semiconductor LM2576-5.0WT Datasheet HTML 5Page - Micrel Semiconductor LM2576-5.0WT Datasheet HTML 6Page - Micrel Semiconductor LM2576-5.0WT Datasheet HTML 7Page - Micrel Semiconductor LM2576-5.0WT Datasheet HTML 8Page - Micrel Semiconductor LM2576-5.0WT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
August 2005
5
M9999-082605-B
LM2576
Micrel, Inc.
Electrical Characteristics (continued)
LM2576
Units
Symbol
Parameter
Conditions
Typ
Limit
(Limits)
(Note 2)
ON/OFF CONTROL, FIXED and ADJUSTABLE REGULATORS Test Circuit
Figure 1
V
IH
ON/OFF Pin Logic
V
OUT = 0V
1.4
2.2/2.4
V(min)
V
IL
Input Level
V
OUT = 5V
1.2
1.0/0.8
V(max)
I
IH
ON /OFF Pin Logic
ON /OFF Pin = 5V (OFF)
4
µA
Current
30
µA(max)
I
IL
ON/OFF Pin = 0V (ON)
0.01
µA
10
µA(max)
Note 1:
Absolute Maximum Rating indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics.
Note 2:
All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face) . All room temperature limits are
100% production tested. All limits at temperature extreme are guaranteed via testing.
Note 3:
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the
LM2576/LM1576 is used as shown in
Figure 1 test circuit, system performance will be shown in system parameters section of Electrical
Characteristics.
Note 4:
Output (pin 2) sourcing current. No diode, inductor or capacitor connected to output.
Note 5:
Feedback (pin 4) removed from output and connected to 0V.
Note 6:
Feedback (pin 4) removed from output and connected to 12V to force the output transistor OFF.
Note 7:
Junction to ambient thermal resistance (no external heat sink) for the 5-lead TO-220 package mounted vertically, with 1/2" leads in a socket, or
on PC board with minimum copper area.
Note 8:
Junction to ambient thermal resistance (no external heat sink) for the 5-lead TO-220 package mounted vertically, with 1/4" leads soldered to PC
board containing approximately 4 square inches of copper area surrounding the leads.
Note 9:
Junction to ambient thermal resistance with approximately 1 square inch of pc board copper surrounding the leads. Additional copper will lower
thermal resistance further.
Typical Performance Characteristics
Normalized
Feedback Voltage*
JUNCTION TEMPERATURE (˚C)
25
20
15
10
5
0
-5
-10
-15
-20
-25
-75 -50 -25 0
25 50 75 100 125 150
VIN = 12V
ILOAD = 200mA
Normalized to TJ = 25˚C
Feedback Voltage
vs Duty Cycle*
DUTY CYCLE (%)
20
15
10
5
0
-5
-10
-15
-20
ILOAD = 200 mA
VIN = 40V
VIN = 7V
0
20
40
60
80
100
* Adjustable version only


Podobny numer części - LM2576-5.0WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
More results

Podobny opis - LM2576-5.0WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com