Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZ2W18000L Arkusz danych(PDF) 3 Page - Panasonic Battery Group

Numer części DZ2W18000L
Szczegółowy opis  DZ2W18000L Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ24180 in Mini2 type package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONICBATTERY [Panasonic Battery Group]
Strona internetowa  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DZ2W18000L Arkusz danych(HTML) 3 Page - Panasonic Battery Group

  DZ2W18000L Datasheet HTML 1Page - Panasonic Battery Group DZ2W18000L Datasheet HTML 2Page - Panasonic Battery Group DZ2W18000L Datasheet HTML 3Page - Panasonic Battery Group DZ2W18000L Datasheet HTML 4Page - Panasonic Battery Group DZ2W18000L Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Standards
Zener Diode
DZ2W18000L
Technical Data ( reference )
Page 3 of 4
Rth - t
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Time t (s)
(1)
Rth(j-l) = 15 °C/W
(1) Non-heat sink
(2) Mounted on glass epoxy print board.
(3) Mounted on alumina print board.
Board size : 50 mm × 50 mm x 0.8 mm
Solder in : 2 mm x 2 mm
(2)
(3)
PZSM - tw
1
10
100
1000
10000
100
1000
10000
100000
Pulse width tw (μs)
Ta = 25 °C
Ct - VR
0
100
200
300
400
500
03
69
12
15
Reverse voltage VR (V)
Ta = 25 °C
f = 1 MHz
Doc No. TT4-EA-12914
Revision. 4
Established : 2010-12-28
Revised
: 2013-05-08


Podobny numer części - DZ2W18000L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
DZ2W180 PANASONIC-DZ2W180 Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
More results

Podobny opis - DZ2W18000L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Battery Group
DZ2J030M0L PANASONICBATTERY-DZ2J030M0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J047X0L PANASONIC-DZ2J047X0L Datasheet
333Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2S10000L PANASONIC-DZ2S10000L Datasheet
318Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ2J100 in SSMini2 type package
DZ2J220 PANASONIC-DZ2J220 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J047M0L PANASONIC-DZ2J047M0L Datasheet
341Kb / 5P
   Silicon epitaxial planar type For constant voltage For surge absorption circuit
logo
Panasonic Battery Group
DZ2J220M0L PANASONICBATTERY-DZ2J220M0L Datasheet
336Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J140 PANASONIC-DZ2J140 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J130X0L PANASONIC-DZ2J130X0L Datasheet
335Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J100 PANASONIC-DZ2J100 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J033X0L PANASONIC-DZ2J033X0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com