Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si3230-GT Arkusz danych(PDF) 4 Page - Silicon Laboratories

Numer części Si3230-GT
Szczegółowy opis  PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3230-GT Arkusz danych(HTML) 4 Page - Silicon Laboratories

  Si3230-GT Datasheet HTML 1Page - Silicon Laboratories Si3230-GT Datasheet HTML 2Page - Silicon Laboratories Si3230-GT Datasheet HTML 3Page - Silicon Laboratories Si3230-GT Datasheet HTML 4Page - Silicon Laboratories Si3230-GT Datasheet HTML 5Page - Silicon Laboratories Si3230-GT Datasheet HTML 6Page - Silicon Laboratories Si3230-GT Datasheet HTML 7Page - Silicon Laboratories Si3230-GT Datasheet HTML 8Page - Silicon Laboratories Si3230-GT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
Si3230
4
Preliminary Rev. 0.96
1. Electrical Specifications
Table 1. Absolute Maximum Ratings and Thermal Information1
Parameter
Symbol
Value
Unit
Si3230
DC Supply Voltage
VDDD, VDDA1, VDDA2
–0.5 to 6.0
V
Input Current, Digital Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to (VDDD +0.3)
V
ESD, Human Body Model
2000
V
Operating Temperature Range2
TA
–40 to 100
C
Storage Temperature Range
TSTG
–40 to 150
C
TSSOP-38 Thermal Resistance, Typical
θJA
70
C/W
QFN-38 Thermal Resistance, Typical
θJA
35
C/W
Continuous Power Dissipation2
PD
0.7
W
Si3201
DC Supply Voltage
VDD
–0.5 to 6.0
V
Battery Supply Voltage
VBAT
–104
V
Input Voltage: TIP, RING, SRINGE, STIPE pins
VINHV
(VBAT – 0.3) to (VDD +0.3)
V
Input Voltage: ITIPP, ITIPN, IRINGP, IRINGN pins
VIN
–0.3 to (VDD +0.3)
V
Operating Temperature Range2
TA
–40 to 100
C
Storage Temperature Range
TSTG
–40 to 150
C
SOIC-16 Thermal Resistance, Typical3
θJA
55
C/W
Continuous Power Dissipation2
PD
1.0
W
Notes:
1. Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Operation above 125 oC junction temperature may degrade device reliability.
3. Thermal resistance assumes a multi-layer PCB with the exposed pad soldered to a topside PCB pad.


Podobny numer części - Si3230-GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3230-GT SILABS-SI3230-GT Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Podobny opis - Si3230-GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Mitel Networks Corporat...
MH88617 MITEL-MH88617 Datasheet
78Kb / 16P
   Programmable SLIC with Ringing Amplification Advance Information
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com