Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3210 Arkusz danych(PDF) 4 Page - Silicon Laboratories

Numer części SI3210
Szczegółowy opis  PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3210 Arkusz danych(HTML) 4 Page - Silicon Laboratories

  SI3210 Datasheet HTML 1Page - Silicon Laboratories SI3210 Datasheet HTML 2Page - Silicon Laboratories SI3210 Datasheet HTML 3Page - Silicon Laboratories SI3210 Datasheet HTML 4Page - Silicon Laboratories SI3210 Datasheet HTML 5Page - Silicon Laboratories SI3210 Datasheet HTML 6Page - Silicon Laboratories SI3210 Datasheet HTML 7Page - Silicon Laboratories SI3210 Datasheet HTML 8Page - Silicon Laboratories SI3210 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 148 page
background image
Si3210/Si3211
4
Rev. 1.61
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
F-grade
0
25
70
°C
Ambient Temperature
TA
G-grade
–40
25
85
°C
Si3210/11 Supply Voltage
VDDD,VDDA1,
VDDA2
3.13
3.3/5.0
5.25
V
Si3201 Supply Voltage
VDD
3.13
3.3/5.0
5.25
V
Si3201 Battery Voltage
VBAT
VBATH =VBAT
–96
–10
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
Product specifications are only guaranteed for the typical application circuit (including component tolerances).
Table 3. AC Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Level
THD = 1.5%
2.5
VPK
Single Frequency Distortion1
2-wire – PCM or
PCM – 2-wire:
200 Hz–3.4 kHz
——
–45
dB
Signal-to-(Noise + Distortion) Ratio2
200 Hz to 3.4 kHz
D/A or A/D 8-bit
Active off-hook, and OHT,
any ZAC
Figure 1
Audio Tone Generator
Signal-to-Distortion Ratio2
0 dBm0, Active off-hook,
and OHT, any Zac
45
dB
Intermodulation Distortion
–45
dB
Gain Accuracy2
2-wire to PCM, 1014 Hz
–0.5
0
0.5
dB
PCM to 2-wire, 1014 Hz
–0.5
0
0.5
dB
Gain Accuracy over Frequency
Figure 3,4
Group Delay over Frequency
Figure 5,6
Gain Tracking3
1014 Hz sine wave,
reference level –10 dBm
signal level:
3 to –37 dB
–0.25
0.25
dB
–37 to –50 dB
–0.5
0.5
dB
–50 to –60 dB
–1.0
1.0
dB
Round-Trip Group Delay
at 1000 Hz
1100
µs
Gain Step Accuracy
–6 to +6 dB
–0.017
0.017
dB
Gain Variation with Temperature
All gain settings
–0.25
0.25
dB
Gain Variation with Supply
VDDA =VDDA = 3.3/5 V ±5%
–0.1
0.1
dB


Podobny numer części - SI3210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210 SILABS-SI3210 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
SI3210 SILABS-SI3210 Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
logo
List of Unclassifed Man...
SI3210-BT ETC-SI3210-BT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-E-FM SILABS-SI3210-E-FM Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

Podobny opis - SI3210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com