Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si3201-BS Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części Si3201-BS
Szczegółowy opis  PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3201-BS Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button Si3201-BS Datasheet HTML 7Page - Silicon Laboratories Si3201-BS Datasheet HTML 8Page - Silicon Laboratories Si3201-BS Datasheet HTML 9Page - Silicon Laboratories Si3201-BS Datasheet HTML 10Page - Silicon Laboratories Si3201-BS Datasheet HTML 11Page - Silicon Laboratories Si3201-BS Datasheet HTML 12Page - Silicon Laboratories Si3201-BS Datasheet HTML 13Page - Silicon Laboratories Si3201-BS Datasheet HTML 14Page - Silicon Laboratories Si3201-BS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
Si3230
Preliminary Rev. 0.96
11
Figure 2. SPI Timing Diagram
Table 10. Switching Characteristics—SPI
VDDA = VDDA = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade, CL = 20 pF
Parameter
Symbol
Test
Conditions
Min
Typ
Max
Unit
Cycle Time SCLK
tc
0.062
µsec
Rise Time, SCLK
tr
25
ns
Fall Time, SCLK
tf
25
ns
Delay Time, SCLK Fall to SDO Active
td1
20
ns
Delay Time, SCLK Fall to SDO
Transition
td2
20
ns
Delay Time, CS Rise to SDO Tri-state
td3
20
ns
Setup Time, CS to SCLK Fall
tsu1
25
ns
Hold Time, CS to SCLK Rise
th1
20
ns
Setup Time, SDI to SCLK Rise
tsu2
25
ns
Hold Time, SDI to SCLK Rise
th2
20
ns
Delay Time between Chip Selects
(Continuous SCLK)
tcs
440
ns
Delay Time between Chip Selects
(Non-continuous SCLK)
tcs
220
ns
SDI to SDITHRU Propagation Delay
td4
4
10
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH = VDDD –0.4 V, VIL = 0.4 V
SCLK
CS
SDI
t
h1
t
d3
SDO
t
d1
t
d2
t
su1
t
r
t
r
t
c
t
su2
t
h2
t
cs
t
thru


Podobny numer części - Si3201-BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3201-BS SILABS-SI3201-BS Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3201-BS SILABS-SI3201-BS Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Podobny opis - Si3201-BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Mitel Networks Corporat...
MH88617 MITEL-MH88617 Datasheet
78Kb / 16P
   Programmable SLIC with Ringing Amplification Advance Information
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com