Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3019-F-GM Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części SI3019-F-GM
Szczegółowy opis  PROGRAMMABLE VOICE DAA SOLUTIONS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3019-F-GM Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button SI3019-F-GM Datasheet HTML 7Page - Silicon Laboratories SI3019-F-GM Datasheet HTML 8Page - Silicon Laboratories SI3019-F-GM Datasheet HTML 9Page - Silicon Laboratories SI3019-F-GM Datasheet HTML 10Page - Silicon Laboratories SI3019-F-GM Datasheet HTML 11Page - Silicon Laboratories SI3019-F-GM Datasheet HTML 12Page - Silicon Laboratories SI3019-F-GM Datasheet HTML 13Page - Silicon Laboratories SI3019-F-GM Datasheet HTML 14Page - Silicon Laboratories SI3019-F-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
11
Figure 3. SPI Timing Diagram
Table 7. Switching Characteristics—Serial Peripheral Interface
(VIO = 3.0 to 3.6 V, TA = 0 to 70 °C, CL = 20 pF)
Parameter*
Symbol
Test
Conditions
Min
Typ
Max
Unit
Cycle Time SCLK
tc
61.03
ns
Rise Time, SCLK
tr
25
ns
Fall Time, SCLK
tf
25
ns
Delay Time, SCLK Fall to SDO Active
td1
20
ns
Delay Time, SCLK Fall to SDO
Transition
td2
20
ns
Delay Time, CS Rise to SDO Tri-state
td3
20
ns
Setup Time, CS to SCLK Fall
tsu1
25
ns
Hold Time, SCLK to CS Rise
th1
20
ns
Setup Time, SDI to SCLK Rise
tsu2
25
ns
Hold Time, SCLK Rise to SDI Transition
th2
20
ns
Delay time between chip selects
tcs
220
ns
Propagation Delay, SDI to SDITHRU
6
ns
*Note: All timing (except Rise and Fall time) is referenced to the 50% level of the waveform. Input test levels are
VIH =VD – 0.4 V, VIL = 0.4 V. Rise and Fall times are referenced to the 20% and 80% levels of the waveform.
SDO
SDI
SCLK
t
su1
t
su2
t
h2
t
d2
t
d1
t
d3
t
h1
CS
t
f
t
r
t
c
t
cs


Podobny numer części - SI3019-F-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI3019-F-GM SKYWORKS-SI3019-F-GM Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Podobny opis - SI3019-F-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
CML Microcircuits
CMX885 CMLMICRO-CMX885 Datasheet
1Mb / 69P
   Programmable Voice Scrambler
CMX148 CMLMICRO-CMX148 Datasheet
1Mb / 75P
   Programmable Voice Scrambler
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com