Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8431BB-C-IS Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części SI8431BB-C-IS
Szczegółowy opis  LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8431BB-C-IS Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button SI8431BB-C-IS Datasheet HTML 6Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 7Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 8Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 9Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 10Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 11Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 12Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 13Page - Silicon Laboratories SI8431BB-C-IS Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Si8430/31/35
10
Rev. 1.5
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8430Bx, Si8435Bx
VDD1
VDD2
2.7
3.0
4.1
4.2
mA
Si8431Bx
VDD1
VDD2
3.1
3.2
4.3
4.5
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8430Bx, Si8435Bx
VDD1
VDD2
2.8
10.1
4.2
12.6
mA
Si8431Bx
VDD1
VDD2
5.5
8.0
6.9
10.0
mA
Timing Characteristics
Si843xAx
Maximum Data Rate
0—
1.0
Mbps
Minimum Pulse Width
——
250
ns
Propagation Delay
tPHL, tPLH
See Figure 2
35
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
25
ns
Propagation Delay Skew2
tPSK(P-P)
40
ns
Channel-Channel Skew
tPSK
35
ns
Table 4. Electrical Characteristics (Continued)
(VDD1 = 3.3 V ±10%, VDD2 = 3.3 V ±10%, TA = –40 to 125 ºC; applies to narrow and wide-body SOIC packages)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. See "3. Errata and Design Migration Guidelines" on page 25 for more details.
4. Start-up time is the time period from the application of power to valid data at the output.


Podobny numer części - SI8431BB-C-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Skyworks Solutions Inc.
SI8431BB-C-IS SKYWORKS-SI8431BB-C-IS Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI8431BB-C-IS1 SILABS-SI8431BB-C-IS1 Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Skyworks Solutions Inc.
SI8431BB-C-IS1 SKYWORKS-SI8431BB-C-IS1 Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results

Podobny opis - SI8431BB-C-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
IK Semicon Co., Ltd
ILX488-3 IKSEMICON-ILX488-3 Datasheet
784Kb / 19P
   Low-Power Triple-Channel Digital Isolator
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com