Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si5315-EVB Arkusz danych(PDF) 10 Page - Silicon Laboratories

Numer części Si5315-EVB
Szczegółowy opis  SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5315-EVB Arkusz danych(HTML) 10 Page - Silicon Laboratories

Back Button Si5315-EVB Datasheet HTML 6Page - Silicon Laboratories Si5315-EVB Datasheet HTML 7Page - Silicon Laboratories Si5315-EVB Datasheet HTML 8Page - Silicon Laboratories Si5315-EVB Datasheet HTML 9Page - Silicon Laboratories Si5315-EVB Datasheet HTML 10Page - Silicon Laboratories Si5315-EVB Datasheet HTML 11Page - Silicon Laboratories Si5315-EVB Datasheet HTML 12Page - Silicon Laboratories Si5315-EVB Datasheet HTML 13Page - Silicon Laboratories Si5315-EVB Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Si5315
10
Rev. 1.0
Figure 1. CKIN Voltage Characteristics
Figure 2. Rise/Fall Time Characteristics
Table 4. Jitter Generation
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition1,2,3,4
Min
Typ
Max
GR-253 Spec
Unit
Measuremen
t Filter (MHz)
DSPLL BW1
Jitter Gen OC-192
JGEN
0.02–80
167 Hz5
0.483
0.628
N/A
psrms
4–80
167 Hz5
0.302
0.392
N/A
psrms
0.05–80
167 Hz5
0.467
0.607
1.0 psrms
(0.01 UIrms
psrms
Jitter Gen OC-48
JGEN
0.012–20
167 Hz5
0.470
0.611
4.02 psrms
(0.01 UIrms)
psrms
111 Hz6
0.565
0.734
4.02 psrms
(0.01 UIrms)
psrms
IEEE 802.3 GbE
RMS Jitter
JGEN
1.875–20
83 Hz6
0.232
0.301
psrms
Notes:
1. BWSEL [1:0] loop bandwidth settings provided in Table 9 on page 20.
2. 40 MHz fundamental mode crystal used as XA/XB input.
3. VDD = 2.5 V
4. TA = 85 °C
5. Si5315A test condition: fIN = 19.44 MHz, fOUT = 156.25 MHz, LVPECL clock input: 1.19 Vppd with 0.5 ns rise/fall time
(20–80%), LVPECL clock output.
6. Si5315B test condition: fIN =19.44 MHz, fOUT = 125 MHz, LVPECL clock input: 1.19 Vppd with 0.5 ns rise/fall time (20-
80%), LVPECL clock output.
V
ISE , VOSE
V
ID,VOD
Differential I/Os
VICM, VOCM
Single-Ended
Peak-to-Peak Voltage
Differential
Peak-to-Peak Voltage
SIGNAL +
SIGNAL –
(SIGNAL +) – (SIGNAL –)
V
t
SIGNAL +
SIGNAL –
VID = (SIGNAL+) – (SIGNAL–)
V
ICM , VOCM
t
F
t
R
80%
20%
DOUT, CLOUT


Podobny numer części - Si5315-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5315-EVB SILABS-SI5315-EVB Datasheet
416Kb / 54P
   Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
logo
Skyworks Solutions Inc.
SI5315-EVB SKYWORKS-SI5315-EVB Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
More results

Podobny opis - Si5315-EVB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
SI5328 SKYWORKS-SI5328 Datasheet
1Mb / 70P
   ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5328 SILABS-SI5328 Datasheet
427Kb / 70P
   ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Silicon Laboratories
SI5386-E SILABS-SI5386-E Datasheet
791Kb / 52P
   12-channel, Any Frequency, Wireless Jitter Attenuating Clock
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com