Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8420BB-D-IS Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SI8420BB-D-IS
Szczegółowy opis  LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8420BB-D-IS Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SI8420BB-D-IS Datasheet HTML 5Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 6Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 7Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 8Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 9Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 10Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 11Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 12Page - Silicon Laboratories SI8420BB-D-IS Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Si8410/20/21
Rev. 1.4
9
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8410Bx
VDD1
VDD2
1.3
1.2
2.0
1.8
mA
Si8420Bx
VDD1
VDD2
2.0
2.1
3.0
3.2
mA
Si8421Bx
VDD1
VDD2
2.2
2.2
3.3
3.3
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8410Bx
VDD1
VDD2
1.3
3.3
2.0
4.9
mA
Si8420Bx
VDD1
VDD2
2.0
6.5
3.0
8.1
mA
Si8421Bx
VDD1
VDD2
4.4
4.4
5.5
5.5
mA
Timing Characteristics
Si8410Ax, Si8420Ax, Si8421Ax
Maximum Data Rate
0—
1.0
Mbps
Minimum Pulse Width
——
250
ns
Propagation Delay
tPHL, tPLH
See Figure 1
35
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 1
25
ns
Propagation Delay Skew2
tPSK(P-P)
40
ns
Channel-Channel Skew
tPSK
35
ns
Table 4. Electrical Characteristics (Continued)
(VDD1 = 3.3 V ±10%, VDD2 = 3.3 V ±10%, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.


Podobny numer części - SI8420BB-D-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI8420BB-D-IS SKYWORKS-SI8420BB-D-IS Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
More results

Podobny opis - SI8420BB-D-IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com