Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5330F-A00214-GM Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części SI5330F-A00214-GM
Szczegółowy opis  1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330F-A00214-GM Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button SI5330F-A00214-GM Datasheet HTML 4Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 5Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 6Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 7Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 8Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 9Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 10Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 11Page - Silicon Laboratories SI5330F-A00214-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Si5330
8
Rev. 1.0
Table 9. Absolute Maximum Ratings1,2,3,4,5
Parameter
Symbol
Test Condition
Value
Unit
DC Supply Voltage
VDD
–0.5 to 3.8
V
Storage Temperature Range
TSTG
–55 to 150
°C
ESD Tolerance
HBM
(100 pF, 1.5 k
)
2.5
kV
ESD Tolerance
CDM
550
V
ESD Tolerance
MM
175
V
Latch-up Tolerance
JESD78 Compliant
Junction Temperature
TJ
150
°C
Soldering Temperature
(Pb-free profile)5
TPEAK
260
°C
Soldering Temperature Time at TPEAK
(Pb-free profile)5
TP
20–40
sec
Notes:
1. Permanent device damage may occur if the Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2. 24-QFN package is RoHS compliant.
3. For more packaging information, go to www.silabs.com/support/quality/pages/RoHSInformation.aspx.
4. Moisture sensitivity level is MSL3.
5. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components.


Podobny numer części - SI5330F-A00214-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5330F-A00214-GM SILABS-SI5330F-A00214-GM Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Si5330F-A00214-GM SILABS-Si5330F-A00214-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

Podobny opis - SI5330F-A00214-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
[Old version datasheet]   Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53308 SILABS-SI53308 Datasheet
1Mb / 32P
   DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
CDCBT1001 TI-CDCBT1001 Datasheet
1Mb / 19P
[Old version datasheet]   CDCBT1001 1.2-V to 1.8-V Clock Buffer and Level Translator
MAY 2022
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com