Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSB147HNY Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części FSB147HNY
Szczegółowy opis  Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FSB147HNY Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  FSB147HNY Datasheet HTML 1Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 2Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 3Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 4Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 5Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 6Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 7Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 8Page - List of Unclassifed Manufacturers FSB147HNY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDRAIN
Drain Pin Voltage
(5,6)
700
V
IDM
Drain Current Pulsed
(7)
FSB117H
4.0
A
FSB127H
8.0
FSB147H
(9)
9.6
EAS
Single Pulsed Avalanche Energy
(8)
FSB117H
50
mJ
FSB127H
140
FSB147H
120
VDD
DC Supply Voltage
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VIPK
IPK Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
700
V
PD
Power Dissipation (TA<50°C)
1.5
W
TJ
Operating Junction Temperature
-40
Internally
Limited
(10)
C
TSTG
Storage Temperature Range
-55
+150
C
TL
Lead Soldering Temperature (Wave Soldering or IR, 10 Seconds)
+260
C
ESD
Electrostatic Discharge Capability,
All Pins Except HV Pin
Human Body Model:
JESD22-A114
5.50
kV
Charged Device Model:
JESD22-C101
2.00
Electrostatic Discharge Capability,
All Pins Including HV Pin
Human Body Model:
JESD22-A114
3.00
Charged Device Model:
JESD22-C101
1.25
Notes:
5.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
6.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
7.
Non-repetitive rating: pulse width is limited by maximum junction temperature.
8.
L=51 mH, starting TJ=25°C.
9.
L=14 mH, starting TJ=25°C.
10. Internally limited by Over-Temperature Protection (OTP). Refer to TOTP.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
RHV
Resistor Connect to HV Pin for Full Range Input Detection
150
250
kΩ
Thermal Resistance Table
Symbol
Parameter
Typ.
Unit
θJA
Junction-to-Air Thermal Resistance
86
C/W
ψJT
Junction-to-Package Thermal Resistance
(11)
20
C/W
Note:
11. Measured on the package top surface.


Podobny numer części - FSB147HNY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB147H FAIRCHILD-FSB147H Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
More results

Podobny opis - FSB147HNY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-ISC002V1 STMICROELECTRONICS-STEVAL-ISC002V1 Datasheet
97Kb / 4P
   Very low standby power: less than 0.5 W at 264 V
June 2008 Rev 1
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
   Less than 0.5W no-load Power Consumption
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
   Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
   Less than 75mW Standby Power
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
   Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
   Less than 75mW Standby Power
logo
STMicroelectronics
AN3339 STMICROELECTRONICS-AN3339 Datasheet
1Mb / 44P
   185 W power supply with PFC and standby supply for LED TV
logo
IEI Integration Corp.
ACE-A140A IEI-ACE-A140A Datasheet
886Kb / 2P
   400 W P ACE-A140A S/2 ATX Power Supply with ErP
logo
Filtronic Compound Semi...
LP750 FILTRONIC-LP750 Datasheet
34Kb / 2P
   0.5 W POWER PHEMT
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
   low Standby Power, ErP conform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com