Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA7915TU Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części KA7915TU
Szczegółowy opis  Output Current in Excess of 1A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

KA7915TU Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button KA7915TU Datasheet HTML 7Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 8Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 9Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 10Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 11Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 12Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 13Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 14Page - List of Unclassifed Manufacturers KA7915TU Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
KA79XX/KA79XXA
11
Electrical Characteristics (KA7915A) (Continued)
(VI = -23V, IO = 500mA, 0°C ≤TJ ≤ +125°C, CI =2.2μF, CO =1μF, unless otherwise specified.)
Note
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min. Typ. Max.
Unit
Output Voltage
VO
TJ = +25°C
-14.7 -15 -15.3
V
IO = 5mA to 1A, PO ≤ 15W
VI = -18V to -30V
-14.4 -15 -15.6
Line Regulation (Note1)
ΔVO
TJ =+25°C
VI = -17.5V to -30V
Io = 1A
-12
150
mV
VI = -20V to -26V
Io = 1A
-6
75
VI = -17.9V to -30V
-
12
150
VI = -20V to -26V, Io = 1A
-
6
150
Load Regulation (Note1)
ΔVO
TJ = +25°C, IO = 5mA to 1.5A
-
12
150
mV
TJ = +25°C, IO = 250mA to 750mA
-
4
75
Quiescent Current
IQ
TJ =+25°C-
3
6
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 1A
-
0.05
0.5
mA
VI = -18.5V to -30V
-
0.1
1
Temperature Coefficient of VD
ΔVo/ΔTIO = 5mA
-
-0.9
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA =+25°C-
250
-
μV
Ripple Rejection
RR
f = 120Hz,
ΔVI = 10V
54
60
-
dB
Dropout Voltage
VD
TJ = +25°C, IO = 1A
-
2
-
V
Short Circuit Current
ISC
TJ =+25°C, VI = -35V
-
300
-
mA
Peak Current
IPK
TJ =+25°C-
2.2
-
A


Podobny numer części - KA7915TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7915TU FAIRCHILD-KA7915TU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7915TU FAIRCHILD-KA7915TU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
KA7915TU FAIRCHILD-KA7915TU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

Podobny opis - KA7915TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
IK Semicon Co., Ltd
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
   Output Current in Excess of 100mA
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
   Output Current in Excess of 1.5 Ampere
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Output Current in Excess of 0.5A, No External Components
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
   High Peak Current in Excess of 4A
Rev 0; 8/16
logo
Texas Instruments
LM2937 TI-LM2937 Datasheet
1Mb / 24P
[Old version datasheet]   Output Current in Excess of 500 mA, Output Trimmed for 5% Tolerance Under all Operating Conditions
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940 Datasheet
724Kb / 13P
   Output cur rent in exces s of 1A
logo
NXP Semiconductors
HEF4049BT-652 NXP-HEF4049BT-652 Datasheet
141Kb / 12P
   Accepts input voltages in excess of the supply voltage
Rev. 9-18 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com