Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC121S021CIMFX Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADC121S021CIMFX
Szczegółowy opis  Specified Over a Range of Sample Rates.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC121S021CIMFX Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC121S021CIMFX Datasheet HTML 2Page - Texas Instruments ADC121S021CIMFX Datasheet HTML 3Page - Texas Instruments ADC121S021CIMFX Datasheet HTML 4Page - Texas Instruments ADC121S021CIMFX Datasheet HTML 5Page - Texas Instruments ADC121S021CIMFX Datasheet HTML 6Page - Texas Instruments ADC121S021CIMFX Datasheet HTML 7Page - Texas Instruments ADC121S021CIMFX Datasheet HTML 8Page - Texas Instruments ADC121S021CIMFX Datasheet HTML 9Page - Texas Instruments ADC121S021CIMFX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IOL
200 PA
IOH
200 PA
1.6 V
To Output Pin
CL
25 pF
ADC121S021
SNAS305H – JULY 2005 – REVISED MARCH 2013
www.ti.com
ADC121S021 Timing Specifications
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 1.0 MHz to 4.0 MHz, CL = 25 pF, fSAMPLE = 50
ksps to 200 ksps, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Parameter
Test Conditions
Typical
Limits
Units
tCS
Minimum CS Pulse Width
10
ns (min)
tSU
CS to SCLK Setup Time
10
ns (min)
tEN
Delay from CS Until SDATA TRI-STATE® Disabled (1)
20
ns (max)
VA = +2.7V to +3.6V
40
ns (max)
tACC
Data Access Time after SCLK Falling Edge (2)
VA = +4.75V to +5.25V
20
ns (max)
tCL
SCLK Low Pulse Width
0.4 x tSCLK
ns (min)
tCH
SCLK High Pulse Width
0.4 x tSCLK
ns (min)
VA = +2.7V to +3.6V
7
ns (min)
tH
SCLK to Data Valid Hold Time
VA = +4.75V to +5.25V
5
ns (min)
25
ns (max)
VA = +2.7V to +3.6V
6
ns (min)
tDIS
SCLK Falling Edge to SDATA High Impedance (3)
25
ns (max)
VA = +4.75V to +5.25V
5
ns (min)
tPOWER-UP
Power-Up Time from Full Power-Down
1
µs
(1)
Measured with the timing test circuit shown in Figure 2 and defined as the time taken by the output signal to cross 1.0V.
(2)
Measured with the timing test circuit shown in Figure 2 and defined as the time taken by the output signal to cross 1.0V or 2.0V.
(3)
tDIS is derived from the time taken by the outputs to change by 0.5V with the timing test circuit shown in Figure 2. The measured number
is then adjusted to remove the effects of charging or discharging the output capacitance. This means that tDIS is the true bus relinquish
time, independent of the bus loading.
TIMING DIAGRAMS
Figure 2. Timing Test Circuit
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC121S021


Podobny numer części - ADC121S021CIMFX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC121S021CIMFX/NOPB TI1-ADC121S021CIMFX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
More results

Podobny opis - ADC121S021CIMFX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC122S101CIMM TI-ADC122S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   Specified Over a Range of Sample Rates, Two Input Channels
logo
Maxim Integrated Produc...
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
   Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11166EVSYS MAXIM-MAX11166EVSYS Datasheet
1Mb / 17P
   Various Sample Sizes and Sample Rates
Rev 0; 6/13
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
   Various Sample Sizes and Sample Rates
Rev 0; 2/12
MAX14435FWEVKIT MAXIM-MAX14435FWEVKIT Datasheet
1Mb / 11P
   Broad Range of Data Transfer Rates (from DC to200Mbps)
Rev 0; 7/17
MAX12931BSEVKIT MAXIM-MAX12931BSEVKIT Datasheet
4Mb / 20P
   Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16
MAX22445FWEVKIT MAXIM-MAX22445FWEVKIT Datasheet
1Mb / 12P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 3/18
MAX22345CSEVKIT MAXIM-MAX22345CSEVKIT Datasheet
1Mb / 12P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 10/18
MAX12935FWEVKIT MAXIM-MAX12935FWEVKIT Datasheet
1Mb / 9P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX14434FWEVKIT MAXIM-MAX14434FWEVKIT Datasheet
1Mb / 11P
   Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com