Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD637JQ Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD637JQ
Szczegółowy opis  High Precision, Wideband RMS-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD637JQ Arkusz danych(HTML) 3 Page - Analog Devices

  AD637JQ Datasheet HTML 1Page - Analog Devices AD637JQ Datasheet HTML 2Page - Analog Devices AD637JQ Datasheet HTML 3Page - Analog Devices AD637JQ Datasheet HTML 4Page - Analog Devices AD637JQ Datasheet HTML 5Page - Analog Devices AD637JQ Datasheet HTML 6Page - Analog Devices AD637JQ Datasheet HTML 7Page - Analog Devices AD637JQ Datasheet HTML 8Page - Analog Devices AD637JQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD637
Rev. K | Page 3 of 20
SPECIFICATIONS
At 25°C and ±15 V dc, unless otherwise noted.1
Table 1.
AD637J/AD637A
AD637K/AD637B
AD637S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TRANSFER FUNCTION
VOUT =
2
IN )
(V
avg ×
VOUT =
2
IN )
(V
avg ×
VOUT =
2
IN )
(V
avg ×
CONVERSION ACCURACY
Total Error, Internal Trim2
(
Figure 5)
±1 ± 0.5
±0.5 ± 0.2
±1 ± 0.5
mV ±% of
reading
TMIN to TMAX
±3.0 ± 0.6
±2.0 ± 0.3
±6 ± 0.7
mV ± % of
reading
vs. Supply
+VIN = 300 mV
30
150
30
150
30
150
μV/V
vs. Supply
−VIN = −300 mV
100
300
100
300
100
300
μV/V
DC Reversal
Error at 2 V
0.25
0.1
0.25
% of
reading
Nonlinearity 2 V Full Scale3
0.04
0.02
0.04
% of FSR
Nonlinearity 7 V Full Scale
0.05
0.05
0.05
% of FSR
Total Error, External Trim
±0.5 ± 0.1
±0.25 ± 0.05
±0.5 ± 0.1
mV ± % of
reading
ERROR VS. CREST FACTOR4
Crest Factor 1 to 2
Specified accuracy
Specified accuracy
Specified accuracy
Crest Factor = 3
±0.1
±0.1
±0.1
% of
reading
Crest Factor = 10
±1.0
±1.0
±1.0
% of
reading
AVERAGING TIME CONSTANT
25
25
25
ms/μF CAV
INPUT CHARACTERISTICS
Signal Range, ±15 V Supply
Continuous RMS Level
0 to 7
0 to 7
0 to 7
V rms
Peak Transient Input
±15
±15
±15
V p-p
Signal Range, ±5 V Supply
Continuous RMS Level
0 to 4
0 to 4
0 to 4
V rms
Peak Transient Input
±6
±6
±6
V p-p
Maximum Continuous
Nondestructive
Input Level
(All Supply Voltages)
±15
±15
±15
V p-p
Input Resistance
6.4
8
9.6
6.4
8
9.6
6.4
8
9.6
Input Offset Voltage
±0.5
±0.2
±0.5
mV
FREQUENCY RESPONSE5
Bandwidth for 1%
Additional Error
(0.09 dB)
VIN = 20 mV
11
11
11
kHz
VIN = 200 mV
66
66
66
kHz
VIN = 2 V
200
200
200
kHz
±3 dB Bandwidth
VIN = 20 mV
150
150
150
kHz
VIN = 200 mV
1
1
1
MHz
VIN = 2 V
8
8
8
MHz


Podobny numer części - AD637JQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD637JQ AD-AD637JQ Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
More results

Podobny opis - AD637JQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD637 AD-AD637_15 Datasheet
808Kb / 21P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637ARZ AD-AD637ARZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
logo
Linear Technology
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
   Precision Micropower RMS-to-DC Converter
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
logo
Linear Technology
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
   Precision Micropower, SIGMA RMS-to-DC Converter
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com