Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSTD32450 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FSTD32450
Szczegółowy opis  Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD32450 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FSTD32450 Datasheet HTML 1Page - Fairchild Semiconductor FSTD32450 Datasheet HTML 2Page - Fairchild Semiconductor FSTD32450 Datasheet HTML 3Page - Fairchild Semiconductor FSTD32450 Datasheet HTML 4Page - Fairchild Semiconductor FSTD32450 Datasheet HTML 5Page - Fairchild Semiconductor FSTD32450 Datasheet HTML 6Page - Fairchild Semiconductor FSTD32450 Datasheet HTML 7Page - Fairchild Semiconductor FSTD32450 Datasheet HTML 8Page - Fairchild Semiconductor FSTD32450 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Preliminary
www.fairchildsemi.com
2
Connection Diagram
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Pin Name
Description
OE1, OE2, OE3, OE4,
Bus Switch
OE5, OE6, OE7, OE8
Enables
OE9, OE10
1A, 2A, 3A, 4A
Bus A
1B, 2B, 3B, 4B
Bus B
S0, S1, S3, S4
Bit Configuration Enables
S2, S5
Level Shifting Diode Enables
12
3
456
A
1A4
1A2
OE1
OE2
1B2
1B4
B
1A6
1A5
1A1
1B1
1B5
1B6
C
1A8
1A7
1A3
1B3
1B7
1B8
D
1A10
1A9
GND
OE5
1B9
1B10
E
2A2
2A1
S0
VCC
2B1
2B2
F
2A4
2A3
S1
S2
2B3
2B4
G
2A6
2A5
VCC
GND
2B5
2B6
H
2A8
2A7
GND
GND
2B7
2B8
J
2A10
2A9
GND
GND
2B9
2B10
K
OE4
OE8
GND
GND
OE9
OE3
L
3A10
3A9
GND
GND
3B9
3B10
M
3A8
3A7
GND
GND
3B7
3B8
N
3A6
3A5
GND
VCC
3B5
3B6
P
3A4
3A3
S5
S4
3B3
3B4
R
3A2
3A1
VCC
S3
3B1
3B2
T
4A10
4A9
OE10
GND
4B9
4B10
U
4A8
4A7
4A3
4B3
4B7
4B8
V
4A6
4A5
4A1
4B1
4B5
4B6
W
4A4
4A2
OE7
OE6
4B2
4B4


Podobny numer części - FSTD32450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
FSTD32211G FAIRCHILD-FSTD32211G Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
More results

Podobny opis - FSTD32450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTD16244 FAIRCHILD-FSTD16244 Datasheet
186Kb / 6P
   16-Bit Bus Switch with Level Shifting (Preliminary)
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com