Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL312ACPZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADXL312ACPZ
Szczegółowy opis  3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL312ACPZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADXL312ACPZ Datasheet HTML 5Page - Analog Devices ADXL312ACPZ Datasheet HTML 6Page - Analog Devices ADXL312ACPZ Datasheet HTML 7Page - Analog Devices ADXL312ACPZ Datasheet HTML 8Page - Analog Devices ADXL312ACPZ Datasheet HTML 9Page - Analog Devices ADXL312ACPZ Datasheet HTML 10Page - Analog Devices ADXL312ACPZ Datasheet HTML 11Page - Analog Devices ADXL312ACPZ Datasheet HTML 12Page - Analog Devices ADXL312ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADXL312
Rev. 0 | Page 9 of 32
0
10
20
40
30
50
80
70
60
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
SELF-TEST RESPONSE (g)
Figure 15. X-Axis Self-Test Delta, VS = VDD I/O = 3.3 V, 25°C
0
10
20
40
30
50
70
60
SELF-TEST RESPONSE (g)
Figure 16. Y-Axis Self-Test Delta, VS = VDD I/O = 3.3 V, 25°C
0
10
20
40
30
50
80
70
60
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.3
3.0
SELF-TEST RESPONSE (g)
Figure 17. Z-Axis Self-Test Delta, VS = VDD I/O = 3.3 V, 25°C
0
10
20
40
30
50
80
70
60
CURRENT (nA)
Figure 18. Standby Mode Current Consumption, VS = VDD I/O = 3.3 V, 25°C
0
5
10
20
15
25
35
30
CURRENT CONSUMPTION (µA)
Figure 19. Current Consumption, Measurement Mode, Data Rate = 100 Hz,
VS = VDD I/O = 3.3 V, 25°C
0
50
100
150
200
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE (V)
Figure 20. Supply Current vs. Supply Voltage, VS at 25°C


Podobny numer części - ADXL312ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312ACPZ-RL AD-ADXL312ACPZ-RL Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results

Podobny opis - ADXL312ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_07 Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com