Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL312ACPZ Datasheet(Arkusz danych) 20 Page - Analog Devices

Numer części ADXL312ACPZ
Szczegółowy opis  3-Axis, ±1.5 g/±3 g/±6 g/±12 g Digital Accelerometer
Pobierz  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 20 page
background image
ADXL312
Rev. 0 | Page 20 of 32
REGISTER MAP
Table 18. Register Map
Address
Hex
Dec
Name
Type
Reset Value
Description
0x00
0
DEVID
R
11100101
Device ID.
0x01 to 0x1D
1 to 29
Reserved
Reserved. Do not access.
0x1E
30
OFSX
R/W
00000000
X-axis offset.
0x1F
31
OFSY
R/W
00000000
Y-axis offset.
0x20
32
OFSZ
R/W
00000000
Z-axis offset.
0x21
33
Reserved
Reserved. Do not access.
0x22
34
Reserved
Reserved. Do not access.
0x23
35
Reserved
Reserved. Do not access.
0x24
36
THRESH_ACT
R/W
00000000
Activity threshold.
0x25
37
THRESH_INACT
R/W
00000000
Inactivity threshold.
0x26
38
TIME_INACT
R/W
00000000
Inactivity time.
0x27
39
ACT_INACT_CTL
R/W
00000000
Axis enable control for activity and inactivity detection.
0x28
40
Reserved
Reserved. Do not access.
0x29
41
Reserved
Reserved. Do not access.
0x2A
42
Reserved
Reserved. Do not access.
0x2B
43
Reserved
Reserved. Do not access.
0x2C
44
BW_RATE
R/W
00001010
Data rate and power mode control.
0x2D
45
POWER_CTL
R/W
00000000
Power-saving features control.
0x2E
46
INT_ENABLE
R/W
00000000
Interrupt enable control.
0x2F
47
INT_MAP
R/W
00000000
Interrupt mapping control.
0x30
48
INT_SOURCE
R
00000010
Source of interrupts.
0x31
49
DATA_FORMAT
R/W
00000000
Data format control.
0x32
50
DATAX0
R
00000000
X-Axis Data 0.
0x33
51
DATAX1
R
00000000
X-Axis Data 1.
0x34
52
DATAY0
R
00000000
Y-Axis Data 0.
0x35
53
DATAY1
R
00000000
Y-Axis Data 1.
0x36
54
DATAZ0
R
00000000
Z-Axis Data 0.
0x37
55
DATAZ1
R
00000000
Z-Axis Data 1.
0x38
56
FIFO_CTL
R/W
00000000
FIFO control.
0x39
57
FIFO_STATUS
R
00000000
FIFO status.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl