Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSTU162450MTD Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FSTU162450MTD
Szczegółowy opis  Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU162450MTD Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FSTU162450MTD Datasheet HTML 2Page - Fairchild Semiconductor FSTU162450MTD Datasheet HTML 3Page - Fairchild Semiconductor FSTU162450MTD Datasheet HTML 4Page - Fairchild Semiconductor FSTU162450MTD Datasheet HTML 5Page - Fairchild Semiconductor FSTU162450MTD Datasheet HTML 6Page - Fairchild Semiconductor FSTU162450MTD Datasheet HTML 7Page - Fairchild Semiconductor FSTU162450MTD Datasheet HTML 8Page - Fairchild Semiconductor FSTU162450MTD Datasheet HTML 9Page - Fairchild Semiconductor FSTU162450MTD Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Preliminary
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD56
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Podobny numer części - FSTU162450MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU16245MTD FAIRCHILD-FSTU16245MTD Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
More results

Podobny opis - FSTU162450MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTU162211 FAIRCHILD-FSTU162211 Datasheet
271Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com