Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD737JNZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD737JNZ
Szczegółowy opis  Low Cost, Low Power, True RMS-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD737JNZ Arkusz danych(HTML) 4 Page - Analog Devices

  AD737JNZ Datasheet HTML 1Page - Analog Devices AD737JNZ Datasheet HTML 2Page - Analog Devices AD737JNZ Datasheet HTML 3Page - Analog Devices AD737JNZ Datasheet HTML 4Page - Analog Devices AD737JNZ Datasheet HTML 5Page - Analog Devices AD737JNZ Datasheet HTML 6Page - Analog Devices AD737JNZ Datasheet HTML 7Page - Analog Devices AD737JNZ Datasheet HTML 8Page - Analog Devices AD737JNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD737
Data Sheet
Rev. I | Page 4 of 24
Parameter
Test Conditions/
Comments
AD737A, AD737J
AD737K
AD737J-5
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Peak Transient
Input
±VS = +2.5 V input to
Pin 1
±0.6
V
±VS = +2.8 V/−3.2 V
±0.9
±0.9
V
±VS = ±5 V
±2.7
±2.7
V
±VS = ±16.5 V
±4.0
±4.0
V
Input Resistance
1012
1012
1012
Input Bias
Current
±VS = ±5 V
1
25
1
25
1
25
pA
Low-Z Input
(Pin 1) Signal
Range
Continuous
RMS Level
±VS = +2.5 V
300
mV rms
±VS = +2.8 V/−3.2 V
300
300
mV rms
±VS = ±5 V to ±16.5 V
1
1
V rms
Peak Transient
Input
±VS = +2.5 V
±1.7
V
±VS = +2.8 V/−3.2 V
±1.7
±1.7
V
±VS = ±5 V
±3.8
±3.8
V
±VS = ±16.5 V
±11
±11
V
Input Resistance
6.4
8
9.6
6.4
8
9.6
6.4
8
9.6
kΩ
Maximum
Continuous
Nondestructive
Input
All supply voltages
±12
±12
±12
V p-p
Input Offset
Voltage5
AC-coupled
±3
±3
±3
mV
Over the Rated
Operating
Temperature
Range
8
30
8
30
8
30
µV/°C
vs. Supply
VS = ±2.5 V to ±5 V
80
80
80
µV/V
VS = ±5 V to ±16.5 V
50
150
50
150
µV/V
OUTPUT
CHARACTERISTICS
No load, output is
negative with respect
to COM
Output Voltage
Range
±VS = +2.8 V/−3.2 V
−1.6
−1.7
−1.6
−1.7
V6
±VS = ±5 V
−3.3
−3.4
−3.3
−3.4
V6
±VS = ±16.5 V
−4
−5
−4
−5
V
±VS = ±2.5 V, input to
Pin 1
−1.1
–0.9
V6
Output
Resistance
DC
6.4
8
9.6
6.4
8
9.6
6.4
8
9.6
kΩ
FREQUENCY
RESPONSE
High-Z Input
(Pin 2)
1% Additional
Error
VIN = 1 mV rms
1
1
1
kHz
VIN = 10 mV rms
6
6
6
kHz
VIN = 100 mV rms
37
37
37
kHz
VIN = 200 mV rms
33
33
33
kHz


Podobny numer części - AD737JNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD737JN AD-AD737JN Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
More results

Podobny opis - AD737JNZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD736 AD-AD736 Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_12 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com