Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSTU3253MTC Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FSTU3253MTC
Szczegółowy opis  Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU3253MTC Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FSTU3253MTC Datasheet HTML 1Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 2Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 3Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 4Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 5Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 6Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz, t
W = 500 ns
FIGURE 2. AC Test Circuit
FIGURE 3. AC Waveforms


Podobny numer części - FSTU3253MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
200Kb / 6P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
FSTU3257M FAIRCHILD-FSTU3257M Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU3257M FAIRCHILD-FSTU3257M Datasheet
200Kb / 6P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
FSTU3257MTC FAIRCHILD-FSTU3257MTC Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
More results

Podobny opis - FSTU3253MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FST3253MTCX FAIRCHILD-FST3253MTCX Datasheet
146Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST3253 ONSEMI-FST3253 Datasheet
240Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
logo
Fairchild Semiconductor
FST3253 FAIRCHILD-FST3253 Datasheet
138Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253 Datasheet
85Kb / 8P
   Dual 4:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3253 ONSEMI-74FST3253_06 Datasheet
182Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
June, 2006 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
   8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com