Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7172DP-T1-GE3 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7172DP-T1-GE3
Szczegółowy opis  N-Channel 200-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7172DP-T1-GE3 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7172DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7172DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7172DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7172DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7172DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7172DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7172DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7172DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7172DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 68763
S-81730-Rev. A, 04-Aug-08
Vishay Siliconix
Si7172DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
200
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
207
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 9.1
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
24
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 200 V, VGS = 0 V
1
µA
VDS = 200 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 5.9 A
0.058
0.070
Ω
VGS = 6 V, ID = 5.7 A
0.063
0.076
Forward Transconductancea
gfs
VDS = 15 V, ID = 5.9 A
19
S
Dynamicb
Input Capacitance
Ciss
VDS = 100 V, VGS = 0 V, f = 1 MHz
2250
pF
Output Capacitance
Coss
115
Reverse Transfer Capacitance
Crss
61
Total Gate Charge
Qg
VDS = 100 V, VGS = 10 V, ID = 5.9 A
51
77
nC
VDS = 100 V, VGS = 6 V, ID = 5.9 A
34
51
Gate-Source Charge
Qgs
14
Gate-Drain Charge
Qgd
15.5
Gate Resistance
Rg
f = 1 MHz
1.0
2.0
Ω
Turn-On Delay Time
td(on)
VDD = 100 V, RL = 20.8 Ω
ID ≅ 4.8 A, VGEN = 6 V, Rg = 1 Ω
22
33
ns
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
24
36
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 100 V, RL = 20.8 Ω
ID ≅ 4.8 A, VGEN = 10 V, Rg = 1 Ω
15
23
Rise Time
tr
11
20
Turn-Off Delay Time
td(off)
26
39
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
30
A
Pulse Diode Forward Currenta
ISM
30
Body Diode Voltage
VSD
IS = 4.8 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 4.8 A, dI/dt = 100 A/µs, TJ = 25 °C
80
120
ns
Body Diode Reverse Recovery Charge
Qrr
275
413
nC
Reverse Recovery Fall Time
ta
60
ns
Reverse Recovery Rise Time
tb
20


Podobny numer części - SI7172DP-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7172DP VISHAY-SI7172DP Datasheet
389Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. B, 05-May-14
SI7172DP VISHAY-SI7172DP_V01 Datasheet
366Kb / 13P
   N-Channel 75-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7172DP-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com