Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSTUD32211 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FSTUD32211
Szczegółowy opis  40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD32211 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FSTUD32211 Datasheet HTML 1Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 2Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 3Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 4Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 5Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 6Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 7Page - Fairchild Semiconductor FSTUD32211 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 5)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: VS is the voltage observed/applied at either A or B Ports across the
switch.
Note 4: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 5: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 6: Typical values are at VCC = 5.0V and TA= +25°C
Note 7: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
0.5V to
+7.0V
DC Switch Voltage (VS) (Note 3)
−2V to +7.0V
DC Input Control Pin Voltage (VIN)(Note 4)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN < 0V
−50 mA
DC Output (IOUT)
128 mA
DC VCC/GND Current (ICC/IGND)
+/− 100 mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.5V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)-40°C to +85°C
Symbol
Parameter
VCC
(V)
TA = −40 °C to +85 °C
Units
Conditions
Min
Typ
(Note 6)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18 mA
VIH
HIGH Level Input Voltage
4.5 - 5.5
2.0
V
VIL
LOW Level Input Voltage
4.5 - 5.5
0.8
V
VOH
HIGH Level
4.5 - 5.5
See Figure 4
V
II
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
010
µAV
IN = 5.5V
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤ A, B ≤ V
CC
RON
Switch On Resistance
4.5
4
7
VIN = 0V, IIN = 64 mA
(Note 7)
4.5
4
7
VIN = 0V, IIN = 30 mA
4.5
35
50
VIN = 2.4V, IIN = 15 mA
ICC
Quiescent Supply Current
5.5
1.5
mA
OE1 = OE2 = GND
VIN = VCC or GND, IOUT = 0
10
µA
OE1 = OE2 = VCC
VIN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
One Input at 3.4V
Other Inputs at VCC or GND
VIKU
Voltage Undershoot
5.5
−2.0
V
0.0 mA
≥ I
IN ≥ −50 mA
OE1,2 = 5.5V


Podobny numer części - FSTUD32211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
More results

Podobny opis - FSTUD32211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com