Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8555ARZ-REEL71 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8555ARZ-REEL71
Szczegółowy opis  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8555ARZ-REEL71 Arkusz danych(HTML) 5 Page - Analog Devices

  AD8555ARZ-REEL71 Datasheet HTML 1Page - Analog Devices AD8555ARZ-REEL71 Datasheet HTML 2Page - Analog Devices AD8555ARZ-REEL71 Datasheet HTML 3Page - Analog Devices AD8555ARZ-REEL71 Datasheet HTML 4Page - Analog Devices AD8555ARZ-REEL71 Datasheet HTML 5Page - Analog Devices AD8555ARZ-REEL71 Datasheet HTML 6Page - Analog Devices AD8555ARZ-REEL71 Datasheet HTML 7Page - Analog Devices AD8555ARZ-REEL71 Datasheet HTML 8Page - Analog Devices AD8555ARZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8555
Rev. A | Page 5 of 28
At VDD = 2.7 V, VSS = 0.0 V, VCM = 1.35 V, VO = 1.35 V, −40°C ≤ TA ≤ +125°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT STAGE
Input Offset Voltage
VOS
2
10
μV
Input Offset Voltage Drift
TCVOS
25
60
nV/°C
Input Bias Current
IB
TA = 25°C
12
16
nA
Input Offset Current
IOS
TA = 25°C
0.2
1
nA
1.5
nA
Input Voltage Range
0.5
1.6
V
Common-Mode Rejection Ratio
CMRR
VCM = 0.9 V to 1.3 V, AV = 70
80
92
dB
VCM = 0.9 V to 1.3 V, AV = 1,280
96
112
dB
Linearity
VO = 0.2 V to 3.4 V
20
ppm
VO = 0.2 V to 4.8 V
1000
ppm
Differential Gain Accuracy
Second Stage Gain = 17.5 to 100
0.35
%
Second Stage Gain = 140 to 200
0.5
%
Differential Gain Temperature Coefficient
Second Stage Gain = 17.5 to 100
15
ppm/°C
Second Stage Gain = 140 to 200
40
ppm/°C
RF
14
18
22
RF Temperature Coefficient
700
ppm/°C
DAC
Accuracy
AV = 70, Offset Codes = 8 to 248
0.7
%
Ratiometricity
AV = 70, Offset Codes = 8 to 248
50
ppm
Output Offset
AV = 70, Offset Codes = 8 to 248
5
35
mV
Temperature Coefficient
3.3
ppm FS/°C
VCLAMP
Input Bias Current
TA = 25°C, VCLAMP = 2.7 V
200
nA
500
nA
Input Voltage Range
1.25
2.64
V
OUTPUT BUFFER STAGE
Buffer Offset
7
15
mV
Short-Circuit Current
ISC
4.5
9.5
mA
Output Voltage, Low
VOL
RL = 10 kΩ to 5 V
30
mV
Output Voltage, High
VOH
RL = 10 kΩ to 0 V
2.64
V
POWER SUPPLY
Supply Current
ISY
VO = 1.35 V, VPOS = VNEG = 1.35 V,
VDAC Code = 128
2.0
mA
Power Supply Rejection Ratio
PSRR
AV = 70
109
125
dB
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
First Gain Stage, TA = 25°C
2
MHz
Second Gain Stage, TA = 25°C
8
MHz
Output Buffer Stage
1.5
MHz
Output Buffer Slew Rate
SR
AV = 70, RL = 10 kΩ, CL = 100 pF
1.2
V/μs
Settling Time
ts
To 0.1%, AV = 70, 4 V Output Step
8
μs
NOISE PERFORMANCE
Input Referred Noise
TA = 25°C, f = 1 kHz
32
nV/√Hz
Low Frequency Noise
en p-p
f = 0.1 Hz to 10 Hz
0.3
μV p-p
Total Harmonic Distortion
THD
VIN = 16.75 mV rms, f = 1 kHz, AV = 100
−100
dB


Podobny numer części - AD8555ARZ-REEL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8555ARZ-REEL7 AD-AD8555ARZ-REEL7 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
More results

Podobny opis - AD8555ARZ-REEL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable
Rev. A
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com