Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8555ACPZ-REEL71 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8555ACPZ-REEL71
Szczegółowy opis  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-REEL71 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8555ACPZ-REEL71 Datasheet HTML 3Page - Analog Devices AD8555ACPZ-REEL71 Datasheet HTML 4Page - Analog Devices AD8555ACPZ-REEL71 Datasheet HTML 5Page - Analog Devices AD8555ACPZ-REEL71 Datasheet HTML 6Page - Analog Devices AD8555ACPZ-REEL71 Datasheet HTML 7Page - Analog Devices AD8555ACPZ-REEL71 Datasheet HTML 8Page - Analog Devices AD8555ACPZ-REEL71 Datasheet HTML 9Page - Analog Devices AD8555ACPZ-REEL71 Datasheet HTML 10Page - Analog Devices AD8555ACPZ-REEL71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8555
Rev. A | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VSS − 0.3 V to VDD + 0.3 V
Differential Input Voltage1
±5.0 V
Output Short-Circuit
Duration to VSS or VDD
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature Range
(Soldering, 10 sec)
300°C
Table 4.
Package Type
θJA2
θJC
Unit
8-Lead SOIC (R)
158
43
°C/W
16-Lead LFCSP (CP)
44
31.5
°C/W
1 Differential input voltage is limited to ±5.0 V or ± the supply voltage, whi-
chever is less.
2 θJA is specified for the worst-case conditions, i.e., θJA is specified for device
soldered in circuit board for SOIC and LFCSP packages.


Podobny numer części - AD8555ACPZ-REEL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8555ACPZ-REEL7 AD-AD8555ACPZ-REEL7 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
More results

Podobny opis - AD8555ACPZ-REEL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable
Rev. A
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com