Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4932-1YCPZ-RL1 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADA4932-1YCPZ-RL1
Szczegółowy opis  Low Power Differential ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-RL1 Arkusz danych(HTML) 5 Page - Analog Devices

  ADA4932-1YCPZ-RL1 Datasheet HTML 1Page - Analog Devices ADA4932-1YCPZ-RL1 Datasheet HTML 2Page - Analog Devices ADA4932-1YCPZ-RL1 Datasheet HTML 3Page - Analog Devices ADA4932-1YCPZ-RL1 Datasheet HTML 4Page - Analog Devices ADA4932-1YCPZ-RL1 Datasheet HTML 5Page - Analog Devices ADA4932-1YCPZ-RL1 Datasheet HTML 6Page - Analog Devices ADA4932-1YCPZ-RL1 Datasheet HTML 7Page - Analog Devices ADA4932-1YCPZ-RL1 Datasheet HTML 8Page - Analog Devices ADA4932-1YCPZ-RL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. A | Page 5 of 28
5 V OPERATION
TA = 25°C, +VS = 5 V, −VS = 0 V, VOCM = 2.5 V, RF = 499 Ω, RG = 499 Ω, RT = 53.6 Ω (when used), RL, dm = 1 kΩ, unless otherwise noted.
All specifications refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 55 for signal definitions.
±DIN to VOUT, dm Performance
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT, dm = 0.1 V p-p
560
MHz
VOUT, dm = 0.1 V p-p, RF = RG = 205 Ω
990
MHz
−3 dB Large Signal Bandwidth
VOUT, dm = 2.0 V p-p
315
MHz
VOUT, dm = 2.0 V p-p, RF = RG = 205 Ω
320
MHz
Bandwidth for 0.1 dB Flatness
VOUT, dm = 2.0 V p-p, ADA4932-1, RL = 200 Ω
120
MHz
VOUT, dm = 2.0 V p-p, ADA4932-2, RL = 200 Ω
200
MHz
Slew Rate
VOUT, dm = 2 V p-p, 25% to 75%
2200
V/μs
Settling Time to 0.1%
VOUT, dm = 2 V step
10
ns
Overdrive Recovery Time
VIN = 0 V to 2.5 V ramp, G = 2
20
ns
NOISE/HARMONIC PERFORMANCE
See Figure 54 for distortion test circuit
Second Harmonic
VOUT, dm = 2 V p-p, 1 MHz
−110
dBc
VOUT, dm = 2 V p-p, 10 MHz
−100
dBc
VOUT, dm = 2 V p-p, 20 MHz
−90
dBc
VOUT, dm = 2 V p-p, 50 MHz
−72
dBc
Third Harmonic
VOUT, dm = 2 V p-p, 1 MHz
−120
dBc
VOUT, dm = 2 V p-p, 10 MHz
−100
dBc
VOUT, dm = 2 V p-p, 20 MHz
−87
dBc
VOUT, dm = 2 V p-p, 50 MHz
−70
dBc
IMD
f1 = 30 MHz, f2 = 30.1 MHz, VOUT, dm = 2 V p-p
−91
dBc
Voltage Noise (RTI)
f = 1 MHz
3.6
nV/√Hz
Input Current Noise
f = 1 MHz
1.0
pA/√Hz
Crosstalk
f = 10 MHz, ADA4932-2
−100
dB
INPUT CHARACTERISTICS
Offset Voltage
V+DIN = V−DIN = VOCM = 2.5 V
−2.2
±0.5
+2.2
mV
TMIN to TMAX variation
−3.7
μV/°C
Input Bias Current
−5.3
−3.0
−0.23
μA
TMIN to TMAX variation
−9.5
nA/°C
Input Offset Current
−0.25
±0.025
+0.25
μA
Input Resistance
Differential
11
Common mode
16
Input Capacitance
0.5
pF
Input Common-Mode Voltage Range
−VS + 0.2 to
+VS − 1.8
V
CMRR
∆VOUT, dm/∆VIN, cm, ∆VIN, cm = ±1 V
−100
−87
dB
Open-Loop Gain
64
66
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT, single-ended output,
RF = RG = 10 kΩ, RL = 1 kΩ
−VS + 1.15 to
+VS − 1.15
−VS + 1.02 to
+VS − 1.02
V
Linear Output Current
200 kHz, RL, dm = 10 Ω, SFDR = 67 dB
53
mA rms
Output Balance Error
∆VOUT, cm/∆VOUT, dm, ∆VOUT, dm = 1 V p-p, 1 MHz,
see Figure 53 for output balance test circuit
−64
−60
dB


Podobny numer części - ADA4932-1YCPZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4932-1YCPZ-RL AD-ADA4932-1YCPZ-RL Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1YCPZ-RL AD-ADA4932-1YCPZ-RL Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
More results

Podobny opis - ADA4932-1YCPZ-RL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com