Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM4168EBRUZ-RL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADM4168EBRUZ-RL7
Szczegółowy opis  15 kV ESD Protected Dual RS-422 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM4168EBRUZ-RL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADM4168EBRUZ-RL7 Datasheet HTML 1Page - Analog Devices ADM4168EBRUZ-RL7 Datasheet HTML 2Page - Analog Devices ADM4168EBRUZ-RL7 Datasheet HTML 3Page - Analog Devices ADM4168EBRUZ-RL7 Datasheet HTML 4Page - Analog Devices ADM4168EBRUZ-RL7 Datasheet HTML 5Page - Analog Devices ADM4168EBRUZ-RL7 Datasheet HTML 6Page - Analog Devices ADM4168EBRUZ-RL7 Datasheet HTML 7Page - Analog Devices ADM4168EBRUZ-RL7 Datasheet HTML 8Page - Analog Devices ADM4168EBRUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADM4168E
Rev. 0 | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
V
CC
−0.3 V to +7 V
Digital Input Voltage (DE1, DE2)
−0.3 V to +7 V
Driver Input Voltage (DI1, DI2)
−0.3 V to +7 V
Receiver Output Voltage (RO1, RO2)
−0.3 V to V
CC + 0.3 V
Driver Output Voltage (Y1, Z1, Y2, Z2)
−0.3 V to +7 V
Receiver Input Voltage (A1, B1, A2, B2)
−14 V to +14 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
ESD Protection on Ax, Bx, Yx, and Zx
Human Body Model (HBM)
±15 kV
IEC 61000-4-2, Contact Discharge
±8 kV
IEC 61000-4-2, Air Discharge
±8 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θ
JA
Unit
16-Lead TSSOP
113
°C/W
ESD CAUTION


Podobny numer części - ADM4168EBRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM4168EBRUZ-RL7 AD-ADM4168EBRUZ-RL7 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
More results

Podobny opis - ADM4168EBRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
logo
Analog Devices
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
logo
STMicroelectronics
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com