Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYC10X-600 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BYC10X-600
Szczegółowy opis  Rectifier diode, hyperfast
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC10X-600 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BYC10X-600 Datasheet HTML 1Page - NXP Semiconductors BYC10X-600 Datasheet HTML 2Page - NXP Semiconductors BYC10X-600 Datasheet HTML 3Page - NXP Semiconductors BYC10X-600 Datasheet HTML 4Page - NXP Semiconductors BYC10X-600 Datasheet HTML 5Page - NXP Semiconductors BYC10X-600 Datasheet HTML 6Page - NXP Semiconductors BYC10X-600 Datasheet HTML 7Page - NXP Semiconductors BYC10X-600 Datasheet HTML 8Page - NXP Semiconductors BYC10X-600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BYC10X-600_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 16 January 2008
2 of 10
NXP Semiconductors
BYC10X-600
Rectifier diode, hyperfast
3.
Ordering information
4.
Limiting values
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BYC10X-600
TO-220F
plastic single-ended package; isolated heatsink mounted; 1 mounting hole;
2-lead TO-220 ‘full pack’
SOD113
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse voltage
-
600
V
VRWM
crest working reverse voltage
-
600
V
VR
reverse voltage
square waveform;
δ = 1.0; Th ≤ 100 °C
-
500
V
IF(AV)
average forward current
square waveform;
δ = 0.5; Th ≤ 37 °C
-
10
A
IFRM
repetitive peak forward current
square waveform;
δ = 0.5; Th ≤ 37 °C
-
20
A
IFSM
non-repetitive peak forward
current
t = 10 ms; sinusoidal waveform
-
91
A
t = 8.3 ms; sinusoidal waveform
-
100
A
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
150
°C


Podobny numer części - BYC10X-600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYC10X-600 NXP-BYC10X-600 Datasheet
68Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
logo
WeEn Semiconductors
BYC10X-600 WEEN-BYC10X-600 Datasheet
356Kb / 11P
   Rectifier diode, hyperfast
BYC10X-600P WEEN-BYC10X-600P Datasheet
460Kb / 10P
   Hyperfast power diode
logo
Inchange Semiconductor ...
BYC10X-600P ISC-BYC10X-600P Datasheet
307Kb / 2P
   Ultrafast Rectifier
logo
NXP Semiconductors
BYC10X-600P PHILIPS-BYC10X-600P_15 Datasheet
183Kb / 9P
   Hyperfast power diode
9 May 2014
More results

Podobny opis - BYC10X-600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYC5X-600 PHILIPS-BYC5X-600_15 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
BYC15X-600 PHILIPS-BYC15X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 PHILIPS-BYC20-600_15 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20X-600 PHILIPS-BYC20X-600_15 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC15-600 NXP-BYC15-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 NXP-BYC20-600 Datasheet
70Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20X-600 NXP-BYC20X-600 Datasheet
74Kb / 10P
   Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC10X-600 PHILIPS-BYC10X-600_15 Datasheet
75Kb / 10P
   Rectifier diode, hyperfast
Rev. 02-16 January 2008
logo
Unisonic Technologies
BYC15 UTC-BYC15 Datasheet
171Kb / 3P
   RECTIFIER DIODE, HYPERFAST
logo
NXP Semiconductors
BYC5X-600 NXP-BYC5X-600 Datasheet
73Kb / 10P
   Rectifier diode hyperfast
Rev. 01-3 September 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com