Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC101S051 Arkusz danych(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Numer części ADC101S051
Szczegółowy opis  Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Strona internetowa  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADC101S051 Arkusz danych(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  ADC101S051 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADC101S051
Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
General Description
The ADC101S051 is a low-power, single channel CMOS
10-bit analog-to-digital converter with a high-speed serial
interface. Unlike the conventional practice of specifying per-
formance at a single sample rate only, the ADC101S051 is
fully specified over a sample rate range of 200 ksps to 500
ksps.
The
converter
is
based
upon
a
successive-
approximation register architecture with an internal track-
and-hold circuit.
The output serial data is straight binary, and is compatible
with
several
standards,
such
as
SPI,
QSPI,
MICROWIRE, and many common DSP serial interfaces.
The ADC101S051 operates with a single supply that can
range from +2.7V to +5.25V. Normal power consumption
using a +3.6V or +5.25V supply is 2.7 mW and 9.7 mW,
respectively. The power-down feature reduces the power
consumption to as low as 2.6 µW using a +5.25V supply.
The ADC101S051 is packaged in 6-lead LLP and SOT-23
packages. Operation over the industrial temperature range
of −40˚C to +85˚C is guaranteed.
Features
n
Specified over a range of sample rates.
n
6-lead LLP and SOT-23 packages
n
Variable power management
n
Single power supply with 2.7V - 5.25V range
n
SPI/QSPI/MICROWIRE/DSP compatible
Key Specifications
n
DNL
+0.15 / -0.11 LSB (typ)
n
INL
+0.15 / -0.09 LSB (typ)
n
SNR
61.6 dB (typ)
n
Power Consumption
— 3.6V Supply
2.7 mW (typ)
— 5.25V Supply
9.7 mW (typ)
Applications
n
Portable Systems
n
Remote Data Acquisition
n
Instrumentation and Control Systems
Pin-Compatible Alternatives by Resolution and Speed
All devices are fully pin and function compatible.
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC121S021
ADC121S051
ADC121S101
10-bit
ADC101S021
ADC101S051
ADC101S101
8-bit
ADC081S021
ADC081S051
ADC081S101
Connection Diagram
20144705
Ordering Information
Order Code
Temperature Range
Description
Top Mark
ADC101S051CISD
−40˚C to +85˚C
6-Lead LLP Package
X5C
ADC101S051CISDX
−40˚C to +85˚C
6-Lead LLP Package, Tape & Reel
X5C
ADC101S051CIMF
−40˚C to +85˚C
6-Lead SOT-23 Package
X14C
ADC101S051CIMFX
−40˚C to +85˚C
6-Lead SOT-23 Package, Tape & Reel
X14C
ADC101S051EVAL
SOT-23 Evaluation Board
TRI-STATE® is a trademark of National Semiconductor Corporation
QSPIand SPIare trademarks of Motorola, Inc.
January 2006
© 2006 National Semiconductor Corporation
DS201447
www.national.com


Podobny numer części - ADC101S051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC101S051 NSC-ADC101S051 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
More results

Podobny opis - ADC101S051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC101S051CIMF TI1-ADC101S051CIMF Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC121S051 TI1-ADC121S051_15 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com