Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSL1315RA-330K3R7-PF Arkusz danych(PDF) 2 Page - TDK Electronics

Numer części TSL1315RA-330K3R7-PF
Szczegółowy opis  Inductors For Power Line Radial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

TSL1315RA-330K3R7-PF Arkusz danych(HTML) 2 Page - TDK Electronics

  TSL1315RA-330K3R7-PF Datasheet HTML 1Page - TDK Electronics TSL1315RA-330K3R7-PF Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
002-04 / 20050831 / e532_tsl1315.fm
Inductors
TSL Series TSL1315 Type
For Power Line
Radial
SHAPES AND DIMENSIONS
ELECTRICAL CHARACTERISTICS
1 Rated current: Value obtained when current flows and the temperature has risen to 25°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
2
: Please specify packaging style, S(Bulk) or RA(Taping).
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
min.
Test
frequency
L/Q (Hz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
)max.
Rated current (A)1max.
Part No.
Based on inductance
change
Based on
temperature rise
10
±10%
90
1k/2.52M
19
0.023
12
5.1
TSL1315 2-100K5R1-PF
15
±10%
90
1k/2.52M
12
0.028
9.5
4.5
TSL1315 -150K4R5-PF
22
±10%
80
1k/2.52M
7.6
0.035
8.2
4.2
TSL1315 -220K4R2-PF
33
±10%
70
1k/2.52M
6.9
0.043
6.8
3.7
TSL1315 -330K3R7-PF
47
±10%
50
1k/2.52M
5.6
0.052
5.7
3.4
TSL1315 -470K3R4-PF
68
±10%
40
1k/2.52M
4.4
0.068
4.8
3
TSL1315 -680K3R0-PF
100
±10%
50
1k/796k
3.3
0.097
3.9
2.5
TSL1315 -101K2R5-PF
150
±10%
50
1k/796k
2.6
0.14
3.2
2.1
TSL1315 -151K2R1-PF
220
±10%
40
1k/796k
2.2
0.2
2.7
1.7
TSL1315 -221K1R7-PF
330
±10%
30
1k/796k
1.8
0.3
2.1
1.4
TSL1315 -331K1R4-PF
470
±10%
30
1k/796k
1.5
0.43
1.8
1.1
TSL1315 -471K1R1-PF
680
±10%
30
1k/796k
1.2
0.61
1.5
0.99
TSL1315 -681KR99-PF
1000
±5%
30
1k/252k
1
1
1.2
0.78
TSL1315 -102JR78-PF
1500
±5%
40
1k/252k
0.83
1.3
1
0.68
TSL1315 -152JR68-PF
2200
±5%
40
1k/252k
0.7
2
0.83
0.55
TSL1315 -222JR55-PF
3300
±5%
40
1k/252k
0.6
3.1
0.69
0.44
TSL1315 -332JR44-PF
4700
±5%
40
1k/252k
0.43
4.4
0.58
0.37
TSL1315 -472JR37-PF
6800
±5%
30
1k/252k
0.38
6.5
0.46
0.3
TSL1315 -682JR30-PF
10000
±5%
70
1k/79.6k
0.3
10
0.4
0.24
TSL1315 -103JR24-PF
7.5
±0.5
ø0.8
±0.05
Weight: 7.5g
Dimensions in mm
DC current(A)
0.01
0.1
0.3
0.03
3
110
10
5
100
1000
300
30
10000
3000
100000
30000
1000
µH
330
µH
220
µH
33
µH
47
µH
68
µH
10
µH
15
µH
22
µH
100
µH
150
µH
3300
µH
10000
µH
A
L=0.1H C=20000µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent


Podobny numer części - TSL1315RA-330K3R7-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TSL1315RA ETC-TSL1315RA Datasheet
62Kb / 2P
   Inductors For Power Line Radial
More results

Podobny opis - TSL1315RA-330K3R7-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
logo
TDK Electronics
TSL1112RA-101K1R4-PF TDK-TSL1112RA-101K1R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL0808RA-101KR80-PF TDK-TSL0808RA-101KR80-PF Datasheet
45Kb / 2P
   For Power Line Radial
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
   For Power Line Radial
TSL0709 TDK-TSL0709 Datasheet
38Kb / 2P
   Inductors For Power Line Radial Televisions, VCRs, personal computers
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com