Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CE36 Arkusz danych(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-CE36
Szczegółowy opis  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CE36 Arkusz danych(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CE36 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE36 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE36 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE36 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE36 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE36 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE36 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE36 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE36 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image

Device Selection Guide
Typical
ViewingAngle,
Intensity(cd)at20mA
Package
PartNumber
Color
2q1/2(Degree)
Min.
Max.
Standoff
Dimension
Lens
HLMP-CB11-TW0xx
Blue
15
.5
7.
No
A
Clear
HLMP-CB11-UVBxx
Blue
15
.
5.5
No
A
Clear
HLMP-CB1-TW0xx
Blue
15
.5
7.
Yes
B
Clear
HLMP-CM11-Y0xx
Green
15
9.
7.0
No
A
Clear
HLMP-CM11-Z1Cxx
Green
15
1.0
1.0
No
A
Clear
HLMP-CM1-Y0xx
Green
15
9.
7.0
Yes
B
Clear
HLMP-CE11-X10xx
Cyan
15
7.
1.0
No
A
Clear
HLMP-CE1-X10xx
Cyan
15
7.
1.0
Yes
B
Clear
HLMP-CB6-SV0xx
Blue

1.9
5.5
No
A
Clear
HLMP-CB6-TUDxx
Blue

.5
4.
No
A
Clear
HLMP-CB7-SV0xx
Blue

1.9
5.5
Yes
B
Clear
HLMP-CM6-X10xx
Green

7.
1.0
No
A
Clear
HLMP-CM6-YZCxx
Green

9.
16.0
No
A
Clear
HLMP-CM7-X10xx
Green

7.
1.0
Yes
B
Clear
HLMP-CE6-WZ0xx
Cyan

5.5
16.0
No
A
Clear
HLMP-CE7-WZ0xx
Cyan

5.5
16.0
Yes
B
Clear
HLMP-CB6-QT0xx
Blue
0
1.15
.
No
A
Clear
HLMP-CB6-RSBxx
Blue
0
1.5
.5
No
A
Clear
HLMP-CB7-RU0xx
Blue
0
1.5
4.
Yes
B
Clear
HLMP-CB7-RSDxx
Blue
0
1.5
.5
Yes
B
Clear
HLMP-CM6-X10xx
Green
0
7.
1.0
No
A
Clear
HLMP-CM6-XYCxx
Green
0
7.
1.0
No
A
Clear
HLMP-CM7-X10xx
Green
0
7.
1.0
Yes
B
Clear
HLMP-CM7-XYCxx
Green
0
7.
1.0
Yes
B
Clear
HLMP-CM7-XYDxx
Green
0
7.
1.0
Yes
B
Clear
HLMP-CE6-WZ0xx
Cyan
0
5.5
16.0
No
A
Clear
HLMP-CE7-WZ0xx
Cyan
0
5.5
16.0
Yes
B
Clear
Notes:
1. Toleranceforluminousintensitymeasurementis±15%.
. Theluminousintensityismeasuredonthemechanicalaxisofthelamppackage.
. Theopticalaxisiscloselyalignedwiththepackagemechanicalaxis.
4. LEDlightoutputisbrightenoughtocauseinjuriestotheeyes.PrecautionsmustbetakentopreventlookingdirectlyattheLEDwithoutpropersafety
equipment.
5. q1/istheoff-axisanglewheretheluminousintensityis1/theon-axisintensity.


Podobny numer części - HLMP-CE36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-CE36 HP-HLMP-CE36 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE36 AVAGO-HLMP-CE36 Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE36-WZ0XX HP-HLMP-CE36-WZ0XX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE36-WZ0XX AVAGO-HLMP-CE36-WZ0XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Podobny opis - HLMP-CE36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com