Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CM26-X10DD Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-CM26-X10DD
Szczegółowy opis  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM26-X10DD Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CM26-X10DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM26-X10DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image

Package Dimensions
Package A
Package B
1.14
±0.20
(0.045
±0.008)
5.80
±0.20
(0.228
±0.008)
4.90
±0.20
(0.193
±0.008)
31.60
(1.244)
MIN.
0.70(0.028)
MAX.
8.61
±0.20
(0.339
±0.008)
2.54
±0.38
(0.100
±0.015)
CATHODE
LEAD
2.35(0.093)
MAX.
CATHODE
FLAT
5.80
±0.20
(0.228
±0.008)
2.54
±0.38
(0.100
±0.015)
CATHODE
FLAT
1.14
±0.20
(0.045
±0.008)
NOTE1
4.90
±0.20
(0.192
±0.008)
31.60
(1.244)
MIN.
0.70(0.028)
MAX.
1.50
±0.15
(0.059
±0.006)
1.00
(0.039)
MIN.
8.61
±0.20
(0.339
±0.008)
DIMENSIONH
0.50
±0.10
(0.020
±0.004)
SQ.TYP.
NOTES:
1.MEASUREDJUSTABOVEFLANGE.
2.ALLDIMENSIONSAREINMILLIMETERS(INCHES).
3.EPOXYMENISCUSMAYEXTENDABOUT1mm(0.040")DOWNTHELEADS.
4.IFHEATSINKINGAPPLICATIONISREQUIRED,THETERMINALFORHEATSINKISANODE.
DIMENSIONH:
15
°=10.80±0.25mm(0.425±0.01INCH)
23
°=10.00±0.25mm(0.394±0.01INCH)
30
°=11.27±0.25mm(0.444±0.01INCH)
CATHODE
LEAD


Podobny numer części - HLMP-CM26-X10DD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-CM26-X10XX HP-HLMP-CM26-X10XX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM26-X10XX AVAGO-HLMP-CM26-X10XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Podobny opis - HLMP-CM26-X10DD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com