Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CM36-X10DD Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-CM36-X10DD
Szczegółowy opis  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM36-X10DD Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM36-X10DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM36-X10DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM36-X10DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM36-X10DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM36-X10DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM36-X10DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM36-X10DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM36-X10DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM36-X10DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 5. Relative intensity vs. DC forward current
Figure 4. Relative dominant wavelength vs. DC forward current
Figure 1. Relative intensity vs. wavelength
Figure 3. Forward current vs. forward voltage
Figure 2. Forward current vs. ambient temperature
WAVELENGTH–nm
380
430
480
530
580
630
680
1.0
CYAN
BLUE
0
0.8
0.6
0.4
0.2
GREEN
0
0
TA–AMBIENTTEMPERATURE–°C
50
80
35
10
5
15
10 20 30 40
60 70
90
20
25
30
R
θJ-A=780°C/W
0
35
10
5
0
3.0
30
25
20
15
2.0
1.0
FORWARDVOLTAGE–V
4.0
DCFORWARDCURRENT–mA
0
10
15
5
20
25
30
1.035
1.025
1.030
0.990
1.015
1.020
1.010
1.005
1.000
0.995
BLUE
GREEN
CYAN
0
1.6
0.2
DCFORWARDCURRENT–mA
0
5
15
30
1.2
10
25
20
1.4
0.4
1.0
0.8
0.6


Podobny numer części - HLMP-CM36-X10DD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-CM36-X10XX HP-HLMP-CM36-X10XX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM36-X10XX AVAGO-HLMP-CM36-X10XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Podobny opis - HLMP-CM36-X10DD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com