Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADJD-YM40 Arkusz danych(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADJD-YM40
Szczegółowy opis  High Power Light Strip, Ring & Round Architectural lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADJD-YM40 Arkusz danych(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADJD-YM40 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM40 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM40 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM40 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM40 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM40 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM40 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM40 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADJD-YM40 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
WARM WHITE
COOL WHITE
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
50
100 150 200 250 300 350 400 450 500
DC FORWARD CURRENT - mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
3.5
4
FORWARD VOLTAGE - V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00001 0.0001
0.001
0.01
0.1
1
10
100
PULSE DURATION, tp - sec
D =
0.05
0.10
0.25
0.50
1.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00001 0.0001 0.001
0.01
0.1
1
10
100
PULSE DURATION, tp - sec
D =
0.05
0.10
0.25
0.50
1.00
D =
tp
T
tp
IF
T
D =
tp
T
tp
IF
T
Figure 1. Relative Intensity vs. Wavelength.
Figure 2. Relative Luminous Flux vs. Mono Pulse Current.
Figure 3. Forward Current vs. Forward Voltage.
Figure 4. Radiation Pattern.
Figure 6. Maximum pulse current vs. ambient temperature. Derated based
on TA = 85°C, R
TJ-A = 50°C/W.
Figure 5. Maximum pulse current vs. ambient temperature. Derated based
on TA = 25°C, R
TJ-A = 50°C/W.


Podobny numer części - ADJD-YM40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-YM21-NJJZ0 AVAGO-ADJD-YM21-NJJZ0 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

Podobny opis - ADJD-YM40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
   Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
   Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
   Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
   Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
   Architectural lighting
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
   Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
   Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com