Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CB1B-XYBDD Arkusz danych(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-CB1B-XYBDD
Szczegółowy opis  New 5mm Blue and Green LED Lamps High luminous output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB1B-XYBDD Arkusz danych(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB1B-XYBDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Device Selection Guide
Part Number
Color
Typical Viewing
angle, 2
θ½ (°)[4]
Luminous Intensity Iv (mcd) at 20
mA [1,2,5]
Standoff /
Non Standoff
Package
drawing
Min
Max
HLMP-CB1A-XY0DD
Blue
15°
7200
12000
Non Standoff
A
HLMP-CB1A-XYBDD
HLMP-CB1A-XYCDD
HLMP-CB1B-XY0DD
Standoff
B
HLMP-CB1B-XYBDD
HLMP-CB1B-XYCDD
HLMP-CB2A-VW0DD
23°
4200
7200
Non Standoff
A
HLMP-CB2A-VWBDD
HLMP-CB2A-VWCDD
HLMP-CB2B-VW0DD
Standoff
B
HLMP-CB2B-VWBDD
HLMP-CB2B-VWCDD
HLMP-CB3A-UV0DD
30°
3200
5500
Non Standoff
A
HLMP-CB3A-UVBDD
HLMP-CB3A-UVCDD
HLMP-CB3B-UV0DD
Standoff
B
HLMP-CB3B-UVBDD
HLMP-CB3B-UVCDD
HLMP-CM1A-560DD
Green
15°
45000
76000
Non Standoff
A
HLMP-CM1B-560DD
Standoff
B
HLMP-CM2A-230DD
23°
21000
35000
Non Standoff
A
HLMP-CM2B-230DD
Standoff
B
HLMP-CM3A-Z10DD
30°
12000
21000
Non Standoff
A
HLMP-CM3A-Z1BDD
HLMP-CM3A-Z1CDD
HLMP-CM3B-Z10DD
Standoff
B
HLMP-CM3B-Z1BDD
HLMP-CM3B-Z1CDD
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
5. Tolerance for each bin limit is ± 15%


Podobny numer części - HLMP-CB1B-XYBDD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB1B-XYBDD AVAGO-HLMP-CB1B-XYBDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-CB1B-XYBDD BOARDCOM-HLMP-CB1B-XYBDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Podobny opis - HLMP-CB1B-XYBDD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM1A-450DD AVAGO-HLMP-CM1A-450DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
logo
OptoSupply Internationa...
OSGGD25111E OPTOSUPPLY-OSGGD25111E Datasheet
112Kb / 1P
   5mm Round Green & Green LED Long Lifetime Operation High Luminous LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com