Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CM3A-Z10DD Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-CM3A-Z10DD
Szczegółowy opis  New 5mm Blue and Green LED Lamps High luminous output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM3A-Z10DD Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CM3A-Z10DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z10DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z10DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z10DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z10DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z10DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z10DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z10DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3A-Z10DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HLMP-Cx1A/1B/2A/2B/3A/3B
New 5mm Blue and Green LED Lamps
Data Sheet
CAUTION: INGaN devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN – 1142 for additional details.
Description
These high intensity blue and green T-1¾ package LEDs
are untinted and non-diffused. Based on the most efficient
and cost effective InGaN material technology and incor-
porating second generation optics they produce well
defined spatial radiation patterns at specific viewing cone
angles.
Advanced optical grade epoxy construction offers superior
high temperature and moisture resistance performance in
outdoor signal and sign applications. The epoxy contains
UV inhibitor ro reduce the effects of long term exposure
to direct sunlight.
Features
• Well defined spatial radiation pattern
• High luminous output
• Untinted, Non-diffused
• Available in Color:
– Blue 470nm
– Green 525nm
• Viewing Angle: 15°, 23° and 30°
• Standoff or non-standoff
• Superior resistance to moisture
Applications
• Commercial outdoor advertising
• Traffic Sign
• Variable Message Sign


Podobny numer części - HLMP-CM3A-Z10DD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM3A-Z10DD AVAGO-HLMP-CM3A-Z10DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-CM3A-Z10DD BOARDCOM-HLMP-CM3A-Z10DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Podobny opis - HLMP-CM3A-Z10DD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM1A-450DD AVAGO-HLMP-CM1A-450DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
logo
OptoSupply Internationa...
OSGGD25111E OPTOSUPPLY-OSGGD25111E Datasheet
112Kb / 1P
   5mm Round Green & Green LED Long Lifetime Operation High Luminous LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com