Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDT86106LZ Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDT86106LZ
Szczegółowy opis  N-Channel PowerTrench MOSFET 100 V, 3.2 A, 108 m Ohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT86106LZ Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDT86106LZ Datasheet HTML 1Page - Fairchild Semiconductor FDT86106LZ Datasheet HTML 2Page - Fairchild Semiconductor FDT86106LZ Datasheet HTML 3Page - Fairchild Semiconductor FDT86106LZ Datasheet HTML 4Page - Fairchild Semiconductor FDT86106LZ Datasheet HTML 5Page - Fairchild Semiconductor FDT86106LZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDT86106LZ Rev.C2
www.fairchildsemi.com
3
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
01
2
3
4
5
0
3
6
9
12
VGS = 3 V
VGS = 4.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
VGS = 4 V
VGS = 3.5 V
VGS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure2.
0369
12
0
1
2
3
4
5
VGS = 3 V
VGS = 4 V
VGS = 3.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
VGS = 4.5 V
VGS = 10 V
NormalizedOn-Resistance
vs Drain Current and Gate Voltage
Figure3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100 125 150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 3.2 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (oC)
vs Junction Temperature
Figure 4.
2
468
10
0
100
200
300
400
500
TJ = 125 oC
ID = 3.2 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
12
34
5
0
3
6
9
12
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
20
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Podobny numer części - FDT86106LZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDT86102LZ FAIRCHILD-FDT86102LZ Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 6.6 A, 28 m廓
logo
Guangdong Kexin Industr...
FDT86102LZ KEXIN-FDT86102LZ Datasheet
233Kb / 5P
   N-Channel MOSFET
More results

Podobny opis - FDT86106LZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD850N10L FAIRCHILD-FDD850N10L Datasheet
316Kb / 8P
   N-Channel PowerTrench MOSFET 100 V, 15.7 A, 75 m Ohm
logo
ON Semiconductor
NVMYS005N10MCL ONSEMI-NVMYS005N10MCL Datasheet
326Kb / 6P
   MOSFET – Power, Single N-Channel 100 V, 5.1 m, 108 A
June, 2022 - Rev. 1
NVMFS005N10MCL ONSEMI-NVMFS005N10MCL Datasheet
153Kb / 8P
   MOSFET ??Power, Single N-Channel 100 V, 5.1 m, 108 A
September, 2021-Rev. 1
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
   N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FDD86326 FAIRCHILD-FDD86326 Datasheet
171Kb / 6P
   N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
logo
ON Semiconductor
FDBL86066-F085 ONSEMI-FDBL86066-F085 Datasheet
483Kb / 8P
   N?륝hannel POWERTRENCH MOSFET 100 V, 240 A, 4.1 m
January, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FDMS7570S FAIRCHILD-FDMS7570S Datasheet
347Kb / 8P
   N-Channel PowerTrench SyncFETTM 25 V, 49 A, 1.95 m Ohm
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
logo
Fairchild Semiconductor
FDMS7608S FAIRCHILD-FDMS7608S Datasheet
386Kb / 12P
   Dual N-Channel PowerTrench MOSFET Q1: 30 V, 22 A, 10.0 m Ohm Q2: 30 V, 30 A, 6.3 m Ohm
FDMC86106LZ FAIRCHILD-FDMC86106LZ_13 Datasheet
278Kb / 7P
   N-Channel Shielded Gate PowerTrench MOSFET 100 V, 7.5 A, 103 m廓
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com