Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD40106BCMX Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części CD40106BCMX
Szczegółowy opis  Hex Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD40106BCMX Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  CD40106BCMX Datasheet HTML 1Page - Fairchild Semiconductor CD40106BCMX Datasheet HTML 2Page - Fairchild Semiconductor CD40106BCMX Datasheet HTML 3Page - Fairchild Semiconductor CD40106BCMX Datasheet HTML 4Page - Fairchild Semiconductor CD40106BCMX Datasheet HTML 5Page - Fairchild Semiconductor CD40106BCMX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 to +18 V
DC
Input Voltage (VIN)
−0.5 to V
DD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3 to 15 VDC
Input Voltage (VIN)0 to VDD VDC
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V
1.0
1.0
30
µA
VDD = 10V
2.0
2.0
60
VDD = 15V
4.0
4.0
120
VOL
LOW Level Output
|IO| < 1 µA
V
Voltage
VDD = 5V
0.05
0.05
0.05
VDD = 10V
0.05
0.05
0.05
VDD = 15V
0.05
0.05
0.05
VOH
HIGH Level Output
|IO| < 1 µA
V
Voltage
VDD = 5V
4.95
4.95
5
4.95
VDD = 10V
9.95
9.95
10
0.95
VDD = 15V
14.95
14.95
15
14.95
VT−
Negative-Going Threshold
VDD = 5V, VO = 4.5V
0.7
2.0
0.7
1.4
2.0
0.7
2.0
V
Voltage
VDD = 10V, VO = 9V
1.4
4.0
1.4
3.2
4.0
1.4
4.0
VDD = 15V, VO = 13.5V
2.1
6.0
2.1
5.0
6.0
2.1
6.0
VT+
Positive-Going Threshold
VDD = 5V, VO = 0.5V
3.0
4.3
3.0
3.6
4.3
3.0
4.3
V
Voltage
VDD = 10V, VO = 1V
6.0
8.6
6.0
6.8
8.6
6.0
8.6
VDD = 15V, VO = 1.5V
9.0
12.9
9.0
10.0
12.9
9.0
12.9
VH
Hysteresis (VT+ − VT−)VDD = 5V
1.0
3.6
1.0
2.2
3.6
1.0
3.6
V
Voltage
VDD = 10V
2.0
7.2
2.0
3.6
7.2
2.0
7.2
VDD = 15V
3.0
10.8
3.0
5.0
10.8
3.0
10.8
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
Current (Note 3)
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.64
−0.51 −0.88
−0.36
mA
Current (Note 3)
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0


Podobny numer części - CD40106BCMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD40106BCM FAIRCHILD-CD40106BCM Datasheet
66Kb / 6P
   Hex Schmitt Trigger
CD40106BCM FAIRCHILD-CD40106BCM Datasheet
71Kb / 6P
   Hex Schmitt Trigger
More results

Podobny opis - CD40106BCMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com